Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD1213 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCLVD1213
Description  CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD1213 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCLVD1213 Datasheet HTML 9Page - Texas Instruments CDCLVD1213 Datasheet HTML 10Page - Texas Instruments CDCLVD1213 Datasheet HTML 11Page - Texas Instruments CDCLVD1213 Datasheet HTML 12Page - Texas Instruments CDCLVD1213 Datasheet HTML 13Page - Texas Instruments CDCLVD1213 Datasheet HTML 14Page - Texas Instruments CDCLVD1213 Datasheet HTML 15Page - Texas Instruments CDCLVD1213 Datasheet HTML 16Page - Texas Instruments CDCLVD1213 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
CDCLVD1213
www.ti.com
SCAS897A – JULY 2010 – REVISED OCTOBER 2016
Product Folder Links: CDCLVD1213
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
The CDCLVD1213 shown in Figure 15 is configured with a 156.25-MHz LVDS clock from the backplane as its
input frequency. The LVDS clock is AC-coupled. A resistor divider (and a 0.1-µF capacitor to reduce noise) is
used to set the bias voltage correctly at the VT pin. The configuration example is driving 4 LVDS receivers in a
line card application with the following properties:
•
The PHY device is capable of DC-coupling with an LVDS driver such as the CDCLVD1213. This PHY device
features internal termination so no additional components are required for proper operation.
•
The ASIC LVDS receiver features internal termination and operates at the same common-mode voltage as
the CDCLVD1213. Again, no additional components are required.
•
The FPGA requires external AC-coupling, but has internal termination. 0.1-µF capacitors are placed to
provide AC-coupling.
•
The CPU on output QD is internally terminated, and requires only external AC-coupling capacitors. The DIV
pin is pulled to ground with a 100-Ω resistor to set the frequency divider to 1 so that the CPU clock frequency
is also 156.25 MHz.
9.2.2 Detailed Design Procedure
See Input Termination for proper input terminations, dependent on single-ended or differential inputs.
See LVDS Output Termination for output termination schemes depending on the receiver application.
Unused outputs can be left floating.
In this example, the PHY, ASIC, and FPGA or CPU require different schemes. Power supply filtering and
bypassing is critical for low-noise applications.
See Power Supply Recommendations for recommended filtering techniques. A reference layout is provided in
Low-Additive Jitter, Four-LVDS-Outputs Clock Buffer With Divider EVM (SCAU044).
9.2.3 Application Curves
The CDCLVD12xx's low additive noise is shown in this line card application. The low noise 156.25-MHz source
with 67-fs RMS jitter drives the CDCLVD12xx, resulting in 80-fs RMS when integrated from 12 kHz to 20 MHz.
The resultant additive jitter is a low 44-fs RMS for this configuration.
Reference signal is low-noise Rohde and Schwarz SMA100A
Figure 16. CDCLVD12xx Reference Phase Noise,
67-fs RMS (12 kHz to 20 MHz)
Figure 17. CDCLVD12xx Output Phase Noise,
80-fs RMS (12 kHz to 20 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com