Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVP1102 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCLVP1102
Description  CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP1102 Datasheet(HTML) 4 Page - Texas Instruments

  CDCLVP1102 Datasheet HTML 1Page - Texas Instruments CDCLVP1102 Datasheet HTML 2Page - Texas Instruments CDCLVP1102 Datasheet HTML 3Page - Texas Instruments CDCLVP1102 Datasheet HTML 4Page - Texas Instruments CDCLVP1102 Datasheet HTML 5Page - Texas Instruments CDCLVP1102 Datasheet HTML 6Page - Texas Instruments CDCLVP1102 Datasheet HTML 7Page - Texas Instruments CDCLVP1102 Datasheet HTML 8Page - Texas Instruments CDCLVP1102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
13
14
15
16
8
7
6
5
CDCLVP1102
NC
NC
NC
GND
ThermalPad
(1)
V
CC
V
AC_REF
INN
INP
CDCLVP1102
SCAS884D – AUGUST 2009 – REVISED DECEMBER 2015
www.ti.com
5 Pin Configuration and Functions
RGT Package
16-Pin VQFN
Top View
(1)
Thermal pad must be soldered to ground.
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NUMBER
GND
1, 16
Ground
Device ground
INP, INN
6, 7
Input
Differential input pair or single-ended input
OUTP1, OUTN1
11, 12
Output
Differential LVPECL output pair no. 1. Unused output pair can be left floating.
OUTP0 OUTN0
9, 10
Output
Differential LVPECL output pair no. 0. Unused output pair can be left floating.
Bias voltage output for capacitive-coupled input pair no. 0. Do not use VAC_REF at VCC <
VAC_REF
8
Output
3.0 V. If used, it is recommended to use a 0.1-
μF capacitor to GND on this pin. The output
current is limited to 2 mA.
VCC
5
Power
2.5-V/3.3-V supply for the device
2, 3, 4,
NC
—
Do not connect
13, 14, 15
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: CDCLVP1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com