Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVP1102 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCLVP1102
Description  CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP1102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCLVP1102 Datasheet HTML 9Page - Texas Instruments CDCLVP1102 Datasheet HTML 10Page - Texas Instruments CDCLVP1102 Datasheet HTML 11Page - Texas Instruments CDCLVP1102 Datasheet HTML 12Page - Texas Instruments CDCLVP1102 Datasheet HTML 13Page - Texas Instruments CDCLVP1102 Datasheet HTML 14Page - Texas Instruments CDCLVP1102 Datasheet HTML 15Page - Texas Instruments CDCLVP1102 Datasheet HTML 16Page - Texas Instruments CDCLVP1102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Reference
Generator
GND
LVPECL
2
2
OUTP[1,0]
OUTN[1,0]
V
CC
V
AC_REF
INP
INN
CDCLVP1102
www.ti.com
SCAS884D – AUGUST 2009 – REVISED DECEMBER 2015
8 Detailed Description
8.1 Overview
The CDCLVP1102 is an open emitter for LVPECL outputs. Therefore, proper biasing and termination are
required to ensure correct operation of the device and to minimize signal integrity. The proper termination for
LVPECL outputs is 50
Ω to (VCC –2) V, but this DC voltage is not readily available on PCB. Therefore, a
Thevenin equivalent circuit is worked out for the LVPECL termination in both direct-coupled (DC) and AC
coupled configurations. These configurations are shown in Figure 12 for VCC = 2.5 V and Figure 13 for VCC = 3.3
V, respectively. It is recommended to place all resistive components close to either the driver end or the receiver
end. If the supply voltage for the driver and receiver is different, AC coupling is required.
8.2 Functional Block Diagram
8.3 Feature Description
The CDCLVP1102 is a low additive jitter universal to LVPECL fan out buffer with 2 outputs and 1 input. The
small package, low output skew, and low additive jitter make for a flexible device in demanding applications.
8.4 Device Functional Modes
The CDCLVP1102 is an open emitter for LVPECL outputs. Therefore, proper biasing and termination are
required to ensure correct operation of the device and to minimize signal integrity. The proper termination for
LVPECL outputs is 50
Ω to (VCC –2) V, but this dc voltage is not readily available on PCB. Therefore, a Thevenin
equivalent circuit is worked out for the LVPECL termination in both direct-coupled (DC) and AC-coupled
configurations. These configurations are shown in Figure 12a and b for VCC = 2.5 V and Figure 13a and b for VCC
= 3.3 V, respectively. It is recommended to place all resistive components close to either the driver end or the
receiver end. If the supply voltage for the driver and receiver is different, ac coupling is required.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CDCLVP1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com