Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17381F4 Datasheet(PDF) 9 Page - Texas Instruments

Part # CSD17381F4
Description  CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17381F4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD17381F4 Datasheet HTML 5Page - Texas Instruments CSD17381F4 Datasheet HTML 6Page - Texas Instruments CSD17381F4 Datasheet HTML 7Page - Texas Instruments CSD17381F4 Datasheet HTML 8Page - Texas Instruments CSD17381F4 Datasheet HTML 9Page - Texas Instruments CSD17381F4 Datasheet HTML 10Page - Texas Instruments CSD17381F4 Datasheet HTML 11Page - Texas Instruments CSD17381F4 Datasheet HTML 12Page - Texas Instruments CSD17381F4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
7.2 Recommended Minimum PCB Layout
www.ti.com
EXAMPLE BOARD LAYOUT
2X (0.25)
2X (0.15)
0.05 MIN
ALL AROUND
(0.65)
(0.35)
(0.25)
(0.5)
(R
) TYP
0.05
4220651/B 08/2015
PicoStar
- 0.35 mm max height
YJC0003A
PicoStar
PKG
1
2
SYMM
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE:50X
3
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
NOTES: (continued)
4. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
TM
TM
A.
All dimensions are in millimeters.
B.
For more information, see FemtoFET Surface Mount Guide (SLRA003D).
7.3 Recommended Stencil Pattern
www.ti.com
EXAMPLE STENCIL DESIGN
2X (0.15)
2X (0.25)
2X (0.2)
(0.65)
(0.25)
(0.5)
(0.4)
(R
) TYP
0.05
4220651/B 08/2015
PicoStar
- 0.35 mm max height
YJC0003A
PicoStar
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
TM
TM
SOLDER PASTE EXAMPLE
BASED ON 0.075 - 0.1 mm THICK STENCIL
SCALE:50X
PKG
1
2
SYMM
3
2X SOLDER MASK EDGE
A.
All dimensions are in millimeters.
B.
Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design
recommendations.
www.ti.com
CSD17381F4
SLPS411G – APRIL 2013 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CSD17381F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com