Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18510KCS Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD18510KCS
Description  CSD18510KCS 40V N-Channel NexFETTM Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18510KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD18510KCS Datasheet HTML 1Page - Texas Instruments CSD18510KCS Datasheet HTML 2Page - Texas Instruments CSD18510KCS Datasheet HTML 3Page - Texas Instruments CSD18510KCS Datasheet HTML 4Page - Texas Instruments CSD18510KCS Datasheet HTML 5Page - Texas Instruments CSD18510KCS Datasheet HTML 6Page - Texas Instruments CSD18510KCS Datasheet HTML 7Page - Texas Instruments CSD18510KCS Datasheet HTML 8Page - Texas Instruments CSD18510KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CSD18510KCS 40V N-Channel NexFETTM Power MOSFET
1 Features
• Low Qg and Qgd
• Low RDS(ON)
• Low-thermal resistance
• Avalanche rated
• Lead-free terminal plating
• RoHS compliant
• Halogen free
• TO-220 plastic package
2 Applications
• Secondary side synchronous rectifier
• Motor control
3 Description
This 40V, 1.4mΩ, TO-220 NexFET™ power MOSFET
is designed to minimize losses in power conversion
applications.
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
40
V
Qg
Gate Charge Total (10V)
118
nC
Qgd
Gate Charge Gate-to-Drain
21
nC
RDS(on) Drain-to-Source On-Resistance
VGS = 4.5V
2.0
mΩ
VGS = 10V
1.4
VGS(th)
Threshold Voltage
1.7
V
Device Information(1)
DEVICE
MEDIA
QTY
PACKAGE
SHIP
CSD18510KCS
Tube
50
TO-220
Plastic Package
Tube
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
40
V
VGS
Gate-to-Source Voltage
±20
V
ID
Continuous Drain Current (Package Limited)
200
A
Continuous Drain Current (Silicon Limited),
TC = 25°C
288
Continuous Drain Current (Silicon Limited),
TC = 100°C
204
IDM
Pulsed Drain Current(1)
400
A
PD
Power Dissipation
250
W
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 175
°C
EAS
Avalanche Energy, Single Pulse
ID = 81A, L = 0.1mH, RG = 25Ω
328
mJ
(1)
Max RθJC = 0.6°C/W, pulse duration ≤ 100μs, duty cycle ≤
1%.
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
D007
TC = 25°C, ID = 100 A
TC = 125°C, ID = 100 A
RDS(on) vs VGS
Qg - Gate Charge (nC)
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 100 A, VDS = 20 V
Gate Charge
CSD18510KCS
SLPS663C – MARCH 2017 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD18510KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18510KCS ISC-CSD18510KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - CSD18510KCS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF1404 UTC-UF1404 Datasheet
188Kb / 6P
162A, 40V N-CHANNEL POWER MOSFET
UT150N04 UTC-UT150N04 Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
UTF1404 UTC-UTF1404 Datasheet
188Kb / 6P
160A, 40V N-CHANNEL POWER MOSFET
UT4450 UTC-UT4450 Datasheet
362Kb / 9P
7A, 40V N-CHANNEL POWER MOSFET
UTT120N04 UTC-UTT120N04 Datasheet
133Kb / 3P
120A, 40V N-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD18502Q5B TI1-CSD18502Q5B_16 Datasheet
945Kb / 15P
40V N-Channel NexFET Power MOSFET
CSD18503Q5A TI1-CSD18503Q5A_16 Datasheet
380Kb / 13P
40V N-Channel NexFET Power MOSFET
CSD18504Q5A TI1-CSD18504Q5A_16 Datasheet
416Kb / 13P
40V N-Channel NexFET Power MOSFET
logo
First Silicon Co., Ltd
S-LN7404DT3WG FS-S-LN7404DT3WG Datasheet
556Kb / 6P
40V N Channel Power MOSFET
2017. 05. 10 Revision No : 0
logo
Renesas Technology Corp
RBK04U04GNS RENESAS-RBK04U04GNS Datasheet
236Kb / 8P
40V - 35A N-Channel Power MOSFET
Mar.14.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com