Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT150N04 Datasheet (PDF) - Unisonic Technologies

UT150N04 Datasheet PDF - Unisonic Technologies
Part # UT150N04
Download  UT150N04 Download
File Size   192.18 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 150A, 40V N-CHANNEL POWER MOSFET

UT150N04 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT150N04 Datasheet PDF - Unisonic Technologies

Part # UT150N04
Download  UT150N04 Click to download

File Size   192.18 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 150A, 40V N-CHANNEL POWER MOSFET

UT150N04 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UT150N04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT150N03 UTC-UT150N03 Datasheet
262Kb / 7P
150A, 30V N-CHANNEL ENHANCEMENT MODE POWER
UT150N06M UTC-UT150N06M Datasheet
259Kb / 7P
150A, 60V N-CHANNEL ENHANCEMENT MODE TRENCH POWER
More results


Similar Description - UT150N04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF1404 UTC-UF1404 Datasheet
188Kb / 6P
162A, 40V N-CHANNEL POWER MOSFET
UTF1404 UTC-UTF1404 Datasheet
188Kb / 6P
160A, 40V N-CHANNEL POWER MOSFET
UT4450 UTC-UT4450 Datasheet
362Kb / 9P
7A, 40V N-CHANNEL POWER MOSFET
UTT120N04 UTC-UTT120N04 Datasheet
133Kb / 3P
120A, 40V N-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD18502Q5B TI1-CSD18502Q5B_16 Datasheet
945Kb / 15P
40V N-Channel NexFET Power MOSFET
CSD18503Q5A TI1-CSD18503Q5A_16 Datasheet
380Kb / 13P
40V N-Channel NexFET Power MOSFET
CSD18504Q5A TI1-CSD18504Q5A_16 Datasheet
416Kb / 13P
40V N-Channel NexFET Power MOSFET
logo
First Silicon Co., Ltd
S-LN7404DT3WG FS-S-LN7404DT3WG Datasheet
556Kb / 6P
40V N Channel Power MOSFET
2017. 05. 10 Revision No : 0
logo
Rohm
RD3G07BBG ROHM-RD3G07BBG Datasheet
2Mb / 13P
Nch 40V 150A Power MOSFET
20221212 - Rev.002
logo
Renesas Technology Corp
RBK04U04GNS RENESAS-RBK04U04GNS Datasheet
236Kb / 8P
40V - 35A N-Channel Power MOSFET
Mar.14.2022
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com