Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT150N03 Datasheet (PDF) - Unisonic Technologies

UT150N03 Datasheet PDF - Unisonic Technologies
Part # UT150N03
Download  UT150N03 Download
File Size   262.57 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 150A, 30V N-CHANNEL ENHANCEMENT MODE POWER

UT150N03 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT150N03 Datasheet PDF - Unisonic Technologies

Part # UT150N03
Download  UT150N03 Click to download

File Size   262.57 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 150A, 30V N-CHANNEL ENHANCEMENT MODE POWER

UT150N03 Datasheet (HTML) - Unisonic Technologies


UT150N03 Product details

 DESCRIPTION
The UTC UT150N03 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It can
be used in a wide variety of applications.

 FEATURES
TO-220
* RDS(ON) ≤ 4.2 mΩ @ VGS=10 V, ID=50A
* RDS(ON) ≤ 6.0 mΩ @ VGS=4.5 V, ID=40A
PDFN5×6
* RDS(ON) ≤ 4.0 mΩ @ VGS=10 V, ID=50A
* RDS(ON) ≤ 5.8 mΩ @ VGS=4.5 V, ID=40A
* Excellent gate charge
* Very low on-resistance RDS(ON)




Similar Part No. - UT150N03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT150N04 UTC-UT150N04 Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
UT150N04G-TA3-T UTC-UT150N04G-TA3-T Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
UT150N04L-TA3-T UTC-UT150N04L-TA3-T Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
UT150N06M UTC-UT150N06M Datasheet
259Kb / 7P
150A, 60V N-CHANNEL ENHANCEMENT MODE TRENCH POWER
More results


Similar Description - UT150N03

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Unisonic Technologies
UT40N03T UTC-UT40N03T Datasheet
230Kb / 4P
30V, 28A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3006 UTC-UT3006 Datasheet
136Kb / 3P
55A, 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
HY ELECTRONIC CORP.
HY150N075T HY-HY150N075T Datasheet
254Kb / 4P
75V / 150A N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
UT7410 UTC-UT7410 Datasheet
286Kb / 7P
30V, 24A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT7430 UTC-UT7430 Datasheet
213Kb / 7P
30V, 34A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
AiT Semiconductor Inc.
AM3400 AITSEMI-AM3400 Datasheet
486Kb / 7P
MOSFET 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM4812 AITSEMI-AM4812 Datasheet
472Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE
REV1.0
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com