Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT150N06M Datasheet (PDF) - Unisonic Technologies

UT150N06M Datasheet PDF - Unisonic Technologies
Part # UT150N06M
Download  UT150N06M Download
File Size   259.97 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 150A, 60V N-CHANNEL ENHANCEMENT MODE TRENCH POWER

UT150N06M Datasheet (PDF)

Go To PDF Page Download Datasheet
UT150N06M Datasheet PDF - Unisonic Technologies

Part # UT150N06M
Download  UT150N06M Click to download

File Size   259.97 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 150A, 60V N-CHANNEL ENHANCEMENT MODE TRENCH POWER

UT150N06M Datasheet (HTML) - Unisonic Technologies


UT150N06M Product details

DESCRIPTION
The UTC UT150N06M is a N-channel Power MOSFET, it uses
UTC’s advanced technology to provide the customers with low
RDS(ON) characteristic by high cell density trench technology.
The UTC UT150N06M is suitable for high efficiency
synchronous rectification in SMPS, UPS, hard switched and high
frequency circuits.

 FEATURES
* RDS(ON) ≤ 3.5 mΩ @ VGS=10V, ID=75A
RDS(ON) ≤ 5.0 mΩ @ VGS=4.5V, ID=50A
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified




Similar Part No. - UT150N06M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT150N03 UTC-UT150N03 Datasheet
262Kb / 7P
150A, 30V N-CHANNEL ENHANCEMENT MODE POWER
UT150N04 UTC-UT150N04 Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
UT150N04G-TA3-T UTC-UT150N04G-TA3-T Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
UT150N04L-TA3-T UTC-UT150N04L-TA3-T Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
More results


Similar Description - UT150N06M

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY150N075T HY-HY150N075T Datasheet
254Kb / 4P
75V / 150A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
50N06 WXDH-50N06 Datasheet
808Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM3460 AITSEMI-AM3460 Datasheet
270Kb / 4P
60V N-CHANNEL ENHANCEMENT MODE
REV1.1
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com