Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18511KCS.B Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD18511KCS.B
Description  CSD18511KCS 40V N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18511KCS.B Datasheet(HTML) 3 Page - Texas Instruments

  CSD18511KCS.B Datasheet HTML 1Page - Texas Instruments CSD18511KCS.B Datasheet HTML 2Page - Texas Instruments CSD18511KCS.B Datasheet HTML 3Page - Texas Instruments CSD18511KCS.B Datasheet HTML 4Page - Texas Instruments CSD18511KCS.B Datasheet HTML 5Page - Texas Instruments CSD18511KCS.B Datasheet HTML 6Page - Texas Instruments CSD18511KCS.B Datasheet HTML 7Page - Texas Instruments CSD18511KCS.B Datasheet HTML 8Page - Texas Instruments CSD18511KCS.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4 Specifications
4.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0V, ID = 250μA
40
V
IDSS
Drain-to-source leakage current
VGS = 0V, VDS = 32V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250μA
1.5
1.8
2.4
V
RDS(on)
Drain-to-source on-resistance
VGS = 4.5V, ID = 100A
3.2
4.2
mΩ
VGS = 10V, ID = 100A
2.1
2.6
gfs
Transconductance
VDS = 4V, ID = 100A
249
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0V, VDS = 20V, ƒ = 1MHz
4570
5940
pF
Coss
Output capacitance
454
591
pF
Crss
Reverse transfer capacitance
235
306
pF
RG
Series gate resistance
0.9
1.8
Ω
Qg
Gate charge total (4.5V)
VDS = 20V, ID = 100A
31
nC
Qg
Gate charge total (10V)
64
nC
Qgd
Gate charge gate-to-drain
9.7
nC
Qgs
Gate charge gate-to-source
17.9
nC
Qg(th)
Gate charge at Vth
7.4
nC
Qoss
Output charge
VDS = 20V, VGS = 0V
20.7
nC
td(on)
Turnon delay time
VDS = 20V, VGS = 10V,
IDS = 100A, RG = 0Ω
8
ns
tr
Rise time
6
ns
td(off)
Turnoff delay time
17
ns
tf
Fall time
3
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 100A, VGS = 0V
0.9
1.0
V
Qrr
Reverse recovery charge
VDS= 20V, IF = 100A,
di/dt = 300A/μs
62
nC
trr
Reverse recovery time
31
ns
4.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance
0.8
°C/W
RθJA
Junction-to-ambient thermal resistance
62
°C/W
www.ti.com
CSD18511KCS
SLPS548A – JULY 2017 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CSD18511KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com