Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18511KCS.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD18511KCS.B
Description  CSD18511KCS 40V N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18511KCS.B Datasheet(HTML) 1 Page - Texas Instruments

  CSD18511KCS.B Datasheet HTML 1Page - Texas Instruments CSD18511KCS.B Datasheet HTML 2Page - Texas Instruments CSD18511KCS.B Datasheet HTML 3Page - Texas Instruments CSD18511KCS.B Datasheet HTML 4Page - Texas Instruments CSD18511KCS.B Datasheet HTML 5Page - Texas Instruments CSD18511KCS.B Datasheet HTML 6Page - Texas Instruments CSD18511KCS.B Datasheet HTML 7Page - Texas Instruments CSD18511KCS.B Datasheet HTML 8Page - Texas Instruments CSD18511KCS.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CSD18511KCS 40V N-Channel NexFET™ Power MOSFET
1 Features
• Low Qg and Qgd
• Low RDS(ON)
• Low-thermal resistance
• Avalanche rated
• Lead-free terminal plating
• RoHS compliant
• Halogen free
• TO-220 plastic package
2 Applications
• Secondary side synchronous rectifier
• Motor control
3 Description
This 40V, 2.1mΩ, TO-220 NexFET™ power MOSFET
is designed to minimize losses in power conversion
applications.
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
40
V
Qg
Gate Charge Total (10V)
63.9
nC
Qgd
Gate Charge Gate-to-Drain
9.7
nC
RDS(on) Drain-to-Source On-Resistance
VGS = 4.5V
3.2
mΩ
VGS = 10V
2.1
VGS(th)
Threshold Voltage
1.8
V
Device Information(1)
DEVICE
MEDIA
QTY
PACKAGE
SHIP
CSD18511KCS
Tube
50
TO-220
Plastic Package
Tube
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
40
V
VGS
Gate-to-Source Voltage
±20
V
ID
Continuous Drain Current (Package Limited)
110
A
Continuous Drain Current (Silicon Limited),
TC = 25°C
194
Continuous Drain Current (Silicon Limited),
TC = 100°C
137
IDM
Pulsed Drain Current(1)
400
A
PD
Power Dissipation
188
W
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 175
°C
EAS
Avalanche Energy, Single Pulse
ID = 56A, L = 0.1mH, RG = 25Ω
156
mJ
(1)
Max RθJC = 0.8°C/W, pulse duration ≤ 100μs, duty cycle ≤
1%.
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
D007
TC = 25° C, ID = 100 A
TC = 125° C, ID = 100 A
RDS(on) vs VGS
Qg - Gate Charge (nC)
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 100 A
VDS = 20 V
Gate Charge
CSD18511KCS
SLPS548A – JULY 2017 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD18511KCS.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18511KCS ISC-CSD18511KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - CSD18511KCS.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
N-Channel NexFET??Power MOSFET
CSD18501Q5A TI1-CSD18501Q5A Datasheet
703Kb / 10P
40V N-Channel NexFET??Power MOSFETs
CSD18503Q5A TI1-CSD18503Q5A Datasheet
709Kb / 9P
40V N-Channel NexFET??Power MOSFETs
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
40V N-Channel NexFET??Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
N-Channel NexFET Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
N-Channel NexFET Power MOSFET
CSD18502Q5B TI1-CSD18502Q5B_16 Datasheet
945Kb / 15P
40V N-Channel NexFET Power MOSFET
CSD18503Q5A TI1-CSD18503Q5A_16 Datasheet
380Kb / 13P
40V N-Channel NexFET Power MOSFET
CSD18504Q5A TI1-CSD18504Q5A_16 Datasheet
416Kb / 13P
40V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com