Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18533KCS Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD18533KCS
Description  CSD18533KCS 60V N-Channel NexFET™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18533KCS Datasheet(HTML) 4 Page - Texas Instruments

  CSD18533KCS Datasheet HTML 1Page - Texas Instruments CSD18533KCS Datasheet HTML 2Page - Texas Instruments CSD18533KCS Datasheet HTML 3Page - Texas Instruments CSD18533KCS Datasheet HTML 4Page - Texas Instruments CSD18533KCS Datasheet HTML 5Page - Texas Instruments CSD18533KCS Datasheet HTML 6Page - Texas Instruments CSD18533KCS Datasheet HTML 7Page - Texas Instruments CSD18533KCS Datasheet HTML 8Page - Texas Instruments CSD18533KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 4-1. Transient Thermal Impedance
VDS - Drain-to-Source Voltage (V)
0
0.5
1
1.5
0
20
40
60
80
100
120
140
160
180
D002
VGS = 4.5 V
VGS = 6.5 V
VGS = 10 V
Figure 4-2. Saturation Characteristics
VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
0
20
40
60
80
100
120
140
160
180
200
D003
TC = 125° C
TC = 25° C
TC = -55° C
VDS = 5V
Figure 4-3. Transfer Characteristics
CSD18533KCS
SLPS362D – SEPTEMBER 2012 – REVISED MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CSD18533KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com