Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18533KCS Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD18533KCS
Description  CSD18533KCS 60V N-Channel NexFET™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18533KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD18533KCS Datasheet HTML 1Page - Texas Instruments CSD18533KCS Datasheet HTML 2Page - Texas Instruments CSD18533KCS Datasheet HTML 3Page - Texas Instruments CSD18533KCS Datasheet HTML 4Page - Texas Instruments CSD18533KCS Datasheet HTML 5Page - Texas Instruments CSD18533KCS Datasheet HTML 6Page - Texas Instruments CSD18533KCS Datasheet HTML 7Page - Texas Instruments CSD18533KCS Datasheet HTML 8Page - Texas Instruments CSD18533KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CSD18533KCS 60V N-Channel NexFET™ Power MOSFET
1 Features
• Ultra-low Qg and Qgd
• Low thermal resistance
• Avalanche rated
• Logic level
• Pb-free terminal plating
• RoHS compliant
• Halogen free
• TO-220 plastic package
2 Applications
• DC-DC conversion
• Secondary side synchronous rectifier
• Motor control
3 Description
This 60V, 5.0mΩ, TO-220 NexFET™ power MOSFET
is designed to minimize losses in power conversion
applications.
SPACE
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-source voltage
60
V
Qg
Gate charge total (10V)
28
nC
Qgd
Gate charge gate-to-drain
3.9
nC
RDS(on)
Drain-to-source on-resistance
VGS = 4.5V
6.9
mΩ
VGS = 10V
5.0
mΩ
VGS(th)
Threshold voltage
1.9
V
Ordering Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD18533KCS
50
Tube
TO-220 Plastic Package
Tube
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-source voltage
60
V
VGS
Gate-to-source voltage
±20
V
ID
Continuous drain current (package limited)
100
A
Continuous drain current (silicon limited), TC
= 25°C
118
Continuous drain current (silicon limited), TC
= 100°C
84
IDM
Pulsed drain current (1)
294
A
PD
Power dissipation
192
W
TJ,
Tstg
Operating junction,
Storage temperature
–55 to 175
°C
EAS
Avalanche energy, single pulse
ID = 52A, L = 0.1mH, RG = 25Ω
135
mJ
(1)
Max RθJC = 0.8°C/W, pulse duration ≤100μs, duty cycle ≤1%
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
D007
TC = 25° C, ID = 75 A
TC = 125° C, ID = 75 A
RDS(on) vs VGS
Qg - Gate Charge (nC)
0
5
10
15
20
25
30
35
0
2
4
6
8
10
D004
ID = 75 A
VDS = 30 V
Gate Charge
CSD18533KCS
SLPS362D – SEPTEMBER 2012 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD18533KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
60-V, N-Channel NexFET Power MOSFETs
logo
Inchange Semiconductor ...
CSD18533KCS ISC-CSD18533KCS Datasheet
395Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - CSD18533KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
N-Channel NexFET??Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD18531Q5A TI1-CSD18531Q5A_16 Datasheet
362Kb / 13P
60V N-Channel NexFET Power MOSFET
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
60V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
60V N-Channel NexFET Power MOSFET
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
60V N-Channel NexFET Power MOSFETs
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
60V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com