Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87331Q3D.B Datasheet(PDF) 6 Page - Texas Instruments

Part # CSD87331Q3D.B
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3D.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD87331Q3D.B Datasheet HTML 2Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 3Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 4Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 5Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 6Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 7Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 8Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 9Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
−5.6
−2.8
0
2.8
5.6
8.4
11.2
14.1
16.9
19.7
22.5
Output Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−11.2
−8.4
−5.6
−2.8
0
2.8
5.6
8.4
11.2
14.1
16.9
Output Inductance (µH)
200
350
500
650
800
950
1100 1250 1400 1550
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−11.4
−8.6
−5.7
−2.9
0.0
2.9
5.7
8.6
11.4
14.3
17.2
Switching Frequency (kHz)
3
5
7
9
11
13
15
17
19
21
23
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−11.4
−8.6
−5.7
−2.9
0.0
2.9
5.7
8.6
11.4
14.3
17.1
Input Voltage (V)
6
CSD87331Q3D
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: CSD87331Q3D
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
Typical Power Block Device Characteristics (continued)
Test conditions: VIN = 12 V, VDD = 5 V, ƒSW = 500 kHz, VOUT = 1.3 V, LOUT = 1 µH, IOUT = 15 A, TJ = 125°C, unless stated
otherwise.
Figure 6. Normalized Power Loss vs Switching Frequency
Figure 7. Normalized Power Loss vs Input Voltage
Figure 8. Normalized Power Loss vs Output Voltage
Figure 9. Normalized Power Loss vs Output Inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com