Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87331Q3D.B Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD87331Q3D.B
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3D.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD87331Q3D.B Datasheet HTML 4Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 5Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 6Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 7Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 8Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 9Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 10Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 11Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to- Source Voltage - V
TC = 25°C
TC = 125ºC
ID = 8A
0
3
6
9
12
15
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to- Source Voltage - V
TC = 25°C
TC = 125ºC
ID = 8A
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−75
−25
25
75
125
175
TC - Case Temperature - ºC
ID = 250µA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
−75
−25
25
75
125
175
TC - Case Temperature - ºC
ID = 250µA
0.0001
0.001
0.01
0.1
1
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage - V
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
f = 1MHz
VGS = 0V
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage - V
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
f = 1MHz
VGS = 0V
8
CSD87331Q3D
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: CSD87331Q3D
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
Typical Power Block MOSFET Characteristics (continued)
TA = 25°C, unless stated otherwise.
Figure 16. Control MOSFET Capacitance
Figure 17. Sync MOSFET Capacitance
Figure 18. Control MOSFET VGS(th)
Figure 19. Sync MOSFET VGS(th)
Figure 20. Control MOSFET RDS(on) vs VGS
Figure 21. Sync MOSFET RDS(on) vs VGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com