Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB-2 Datasheet(PDF) 1 Page - MIDLITE Corporation

Part # SB-2
Description  Speaker Mount and Hidden Power for Sonos® One & One SL Mounts between studs to any desired location.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDLITE [MIDLITE Corporation]
Direct Link  https://www.midlite.com/
Logo MIDLITE - MIDLITE Corporation

SB-2 Datasheet(HTML) 1 Page - MIDLITE Corporation

  SB-2 Datasheet HTML 1Page - MIDLITE Corporation SB-2 Datasheet HTML 2Page - MIDLITE Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Also Available in 15’, 25’ and 40’ lengths and in
un-terminated WIPS for direct wiring in electrical boxes.
www.midlite.com
115 Wordell St. Fall River, MA 02721
Tel: 508.676.5169 / Toll Free: 800.606.5169 / Fax: 508.861.0105
An all-in-one solution that provides wall mounting
capabilities and hidden power for Sonos One and
One SL wireless speakers.
The Adjustable mounting arm can pivot left or right,
up or down and rotate to target the sound direction.
This allows for a fully customizable installation.
No electrician required! This simple plug-and-play
solution requires minimal tools and o ers DIY
friendly power relocation.
Speaker Mount and Hidden Power
for Sonos® One & One SL
Mounts between studs to any desired location. PN: C7HSA2-W, White, 7’ / C7HSA2-B, Black, 7’
Articulating Mount allows
for customized install.
Conforms to STD 514D and Certified CSA STD 22.2 No. 42.1-00
Electrical Rating: 125 VAC, 15 AMPS, 60 Hz
Meets UL 817 & CSA#22.2#21; Interconnect meets UL 2256, 2459
Meets NEC 2014 Article 400.7 (A)(11)
Patented with multiple patents pending.
All rights reserved. Sonos is a registered trademark of Sonos, Inc.,
Available in Black or White
Single piece design offers easy install
for single stud cavity power relocation
Power Relocation
• No electrician required!
• Available in lengths of 7’ and 15’
• Contact us for custom lengths


Similar Part No. - SB-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SB-218-38 MOLEX4-SB-218-38 Datasheet
108Kb / 2P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 3/8
SB-218-38T MOLEX4-SB-218-38T Datasheet
109Kb / 3P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud 3/8, Mylar TapeCarrier
SB-219-06 MOLEX4-SB-219-06 Datasheet
78Kb / 2P
Perma-Seal??Hook Tongue Terminal for 14-16 AWG Wire, Stud Size 6
SB-219-08 MOLEX4-SB-219-08 Datasheet
78Kb / 2P
Perma-Seal??Hook Tongue Terminal for 14-16 AWG Wire, Stud Size 8
SB-219-10 MOLEX4-SB-219-10 Datasheet
78Kb / 2P
Perma-Seal??Hook Tongue Terminal for 14-16 AWG Wire, Stud Size 10
More results

Similar Description - SB-2

ManufacturerPart #DatasheetDescription
logo
Semikron International
P1/75-M12 SEMIKRON-P1/75-M12 Datasheet
757Kb / 4P
For studs and bridge rectifiers
logo
SHANGHAI BELLING CO., L...
BL3085E BELLING-BL3085E Datasheet
669Kb / 9P
communication that contain one driver and one receiver
logo
Assmann Electronics Inc...
AK579F-2-R ASSMANN-AK579F-2-R Datasheet
95Kb / 1P
Twisted Pair and One by One
logo
ALPS ELECTRIC CO.,LTD.
SDDE ALPS-SDDE Datasheet
1,014Kb / 3P
One switch for main power, mode selection and start
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
Any frequency between 1MHz and 625MHz
05/15/2017
logo
Aries Electronics, Inc.
655000 ARIES-655000 Datasheet
746Kb / 1P
Designed to allow user to cut 32-position adapter down to any size desired
logo
A-Data Technology
HD650X A-DATA-HD650X Datasheet
808Kb / 2P
Best for Xbox one and Xbox 360
logo
RENCO ELECTRONICS, INC.
RL-2270 RENCO-RL-2270 Datasheet
1Mb / 2P
TWO IN ONE??POWER TRANSFORMERS ??CHASSIS MOUNT
RLD-2270 RENCO-RLD-2270 Datasheet
1Mb / 2P
TWO IN ONE??POWER TRANSFORMERS CHASSIS MOUNT
logo
Schneider Electric
LV434000 SCHNEIDER-LV434000 Datasheet
91Kb / 3P
Enerlin IFM - Modbus-SL Interface for One Circuit Breaker
Dec 10, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com