Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMUPLD Datasheet (PDF) - Abracon Corporation

ASTMUPLD Datasheet PDF - Abracon Corporation
Part # ASTMUPLD
Download  ASTMUPLD Download
File Size   2954.42 Kbytes
Page   6 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Any frequency between 1MHz and 625MHz

ASTMUPLD Datasheet (PDF)

Go To PDF Page Download Datasheet
ASTMUPLD Datasheet PDF - Abracon Corporation

Part # ASTMUPLD
Download  ASTMUPLD Click to download

File Size   2954.42 Kbytes
Page   6 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Any frequency between 1MHz and 625MHz

ASTMUPLD Datasheet (HTML) - Abracon Corporation




Similar Part No. - ASTMUPLD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
More results


Similar Description - ASTMUPLD

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5325C-C-GM SILABS-SI5325C-C-GM Datasheet
2Mb / 178P
ANY-FREQUENCY PRECISION CLOCKS
SI5347 SILABS-SI5347 Datasheet
2Mb / 59P
DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
logo
Vectron International, ...
MV-9300A VECTRON-MV-9300A Datasheet
253Kb / 5P
Any frequency between 1 MHz and 80 MHz with 6 decimal places of accuracy
MV-9350A VECTRON-MV-9350A Datasheet
346Kb / 5P
Any frequency between 80 MHz and 220 MHz with 6 decimal places of accuracy
MV-9400A VECTRON-MV-9400A Datasheet
281Kb / 6P
Any frequency between 1 MHz and 220 MHz with 6 decimal places of accuracy
MV-9450A VECTRON-MV-9450A Datasheet
282Kb / 6P
Any frequency between 220-625 MHz with 6 decimal places of accuracy
logo
Maxim Integrated Produc...
MAX8753EVKIT MAXIM-MAX8753EVKIT Datasheet
163Kb / 6P
1MHz Switching Frequency
Rev 0; 3/06
MAX15058EVKIT MAXIM-MAX15058EVKIT Datasheet
988Kb / 7P
1MHz Switching Frequency
Rev 0; 12/10
logo
Microsemi Corporation
ZL30250 MICROSEMI-ZL30250 Datasheet
272Kb / 4P
3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
August 2014
ZL30260 MICROSEMI-ZL30260 Datasheet
265Kb / 4P
1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
September 2016
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com