Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMUPLD Datasheet(PDF) 5 Page - Abracon Corporation

Part # ASTMUPLD
Description  Any frequency between 1MHz and 625MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMUPLD Datasheet(HTML) 5 Page - Abracon Corporation

  ASTMUPLD Datasheet HTML 1Page - Abracon Corporation ASTMUPLD Datasheet HTML 2Page - Abracon Corporation ASTMUPLD Datasheet HTML 3Page - Abracon Corporation ASTMUPLD Datasheet HTML 4Page - Abracon Corporation ASTMUPLD Datasheet HTML 5Page - Abracon Corporation ASTMUPLD Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Pb RoHS/RoHS II compliant
REFLOW PROFILE:
Item
Conditions
TS MAX to TL (Ramp-up Rate)
3°C/second max
Preheat
Temperature Minimum (TS MIN)
150°C
Temperature Typical (TS TYP)
175°C
Temperature Maximum (TS MAX)
200°C
Time (tS
s
d
n
o
c
e
s
0
8
1
–
0
6
)
Ramp-up Rate (TL to TP)
3°C/second max
Time Maintained Above
Temperature (TL)
217°C
Time (tL
s
d
n
o
c
e
s
0
5
1
–
0
6
)
Peak Temperature (TP)
260°C max
Target Peak Temperature (TP Target)
255°C
Time within 5°C of actual peak (tP)
20 – 40 seconds
Max. Number of Reflow Cycles
3
Ramp-down Rate
6°C/second max
Time 25°C to Peak Temperature (t)
8 minutes max
ASTMUPLD
High Performance, Programmable LVDS SMD MEMS Oscillator
ASTMUPLD
3.2 x 2.5 x 0.75mm;
5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
Terms and Conditions of Sale visit: Visit www.abracon.com
LLC
ABRACON IS
ABRACON IS
ISO9001:2008
CE
CER
RTIFIED
TIFIED
REVISED: 05/15/2017



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com