Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMUPLD Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASTMUPLD
Description  Any frequency between 1MHz and 625MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMUPLD Datasheet(HTML) 1 Page - Abracon Corporation

  ASTMUPLD Datasheet HTML 1Page - Abracon Corporation ASTMUPLD Datasheet HTML 2Page - Abracon Corporation ASTMUPLD Datasheet HTML 3Page - Abracon Corporation ASTMUPLD Datasheet HTML 4Page - Abracon Corporation ASTMUPLD Datasheet HTML 5Page - Abracon Corporation ASTMUPLD Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASTMUPLD
APPLICATIONS:
FEATURES:
High Performance, Programmable LVDS SMD MEMS Oscillator
STANDARD SPECIFICATIONS:
Moisture Sensitivity Level (MSL) – 1
Pb RoHS/RoHS II compliant
ESD Sensitive
• Industry Standard package sizes: 3.2 x 2.5 x 0.75mm,
5 x 3.2 x 0.75mm, 7.0 x 5.0 x 0.9mm
• Any frequency between 1MHz and 625MHz
• Supply Voltage options: 3.3V, 2.8V, 2.25V~3.63V
• Ultra-low RMS phase jitter: 0.6ps typ.
(@156.25MHz, integration bandwidth: 12kHz to 20MHz)
• Frequency Stability options: ±10ppm, ±20ppm, ±25ppm,
±50ppm over -20 to +70°C and -40 to +85°C
• High Performance MEMS Technology by SiTime
• 10GB Ethernet, SONET, SATA, SAS, Fiber Channel, PCI Express
• Storage
• Servers
• Networking
• Telecom
• Instrumentation
• Harsh environment (vibration, shock-prone and humid)
ASTMUPLD
3.2 x 2.5 x 0.75mm;
5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
Note: 1. Frequencies not supported:
Range 1: From 209.000001MHz to 210.999999MHz
Range 2: From 251.000001MHz to 263.999999MHz
Range 3: From 314.000001MHz to 422.999999MHz
Range 4: From 502.000001MHz to 527.999999MHz
Parameters
Min
Typ
Max
Unit
Notes
Output Frequency Range (F)
1
625
MHz See Note 1 for Frequencies not
supported
Frequency Stability (Fstab)
-10
+10
ppm
Inclusive of initial tolerance at 25°C,
and variations over operating
temperature, rated power supply
voltage and load
-20
+20
-25
+25
-50
+50
Operating Temperature Range (Tuse)
-20
+70
°C
Option “E”
-40
+85
Option “L”
Aging@25°C
1st year
-2
+2
ppm
10 years
-5
+5
Supply Voltage (Vdd)
V
2.25
2.5
2.75
Option “25”
2.97
3.3
3.63
Option “33”
2.25
-
3.63
Option “Blank” (default)
Input High Voltage(VIH)
70%*Vdd
V
Pin 1
Input Low Voltage(VIL)
30%*Vdd
V
Pin 1
Input Pull-up Impedance ( Zin)
100
250
kΩ
Pin 1, OE logic high or logic low,
ST
logic high
2
MΩ Pin 1, ST logic low
Startup Time (Tstart)
6
10
ms
Measured from the time Vdd reaches its
rated minimum value
Resume Time ( Tresume)
6
10
ms
In standby mode. Measured from the
time ST pin crosses 50% threshold
%
5
5
5
4
e
l
c
y
C
y
t
u
D
S
D
V
L
e
p
y
T
t
u
p
t
u
O
Current Consumption ( Idd )
47
55
mA
Excluding load termination current,
Vdd=2.5V or 3.3V
OE Disable Current (IOD)
35
mA
OE=Low
Output Disable Leakage Current
( Ileak)
1
µA
OE=Low
Standby Current (Istd)
100
µA
ST =Low, for all Vdd
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
Terms and Conditions of Sale visit: Visit www.abracon.com
LLC
ABRACON IS
ABRACON IS
ISO9001:2008
CE
CER
RTIFIED
TIFIED
REVISED: 05/15/2017


Similar Part No. - ASTMUPLD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
More results

Similar Description - ASTMUPLD

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5325C-C-GM SILABS-SI5325C-C-GM Datasheet
2Mb / 178P
ANY-FREQUENCY PRECISION CLOCKS
SI5347 SILABS-SI5347 Datasheet
2Mb / 59P
DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
logo
Vectron International, ...
MV-9300A VECTRON-MV-9300A Datasheet
253Kb / 5P
Any frequency between 1 MHz and 80 MHz with 6 decimal places of accuracy
MV-9350A VECTRON-MV-9350A Datasheet
346Kb / 5P
Any frequency between 80 MHz and 220 MHz with 6 decimal places of accuracy
MV-9400A VECTRON-MV-9400A Datasheet
281Kb / 6P
Any frequency between 1 MHz and 220 MHz with 6 decimal places of accuracy
MV-9450A VECTRON-MV-9450A Datasheet
282Kb / 6P
Any frequency between 220-625 MHz with 6 decimal places of accuracy
logo
Maxim Integrated Produc...
MAX8753EVKIT MAXIM-MAX8753EVKIT Datasheet
163Kb / 6P
1MHz Switching Frequency
Rev 0; 3/06
MAX15058EVKIT MAXIM-MAX15058EVKIT Datasheet
988Kb / 7P
1MHz Switching Frequency
Rev 0; 12/10
logo
Microsemi Corporation
ZL30250 MICROSEMI-ZL30250 Datasheet
272Kb / 4P
3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
August 2014
ZL30260 MICROSEMI-ZL30260 Datasheet
265Kb / 4P
1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
September 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com