Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8917 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8917
Description  Hook-up/Lead - UL AWM Style 1015
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8917 Datasheet(HTML) 1 Page - Belden Inc.

  8917 Datasheet HTML 1Page - Belden Inc. 8917 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
General Description:
Tinned copper conductor, PVC insulation. Rated 105ºC, 600V.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
1
16
26x30
TC - Tinned Copper
Total Number of Conductors:
1
Insulation
Insulation Material:
Insulation Material
Min. Avg. Wall (in.)
PVC - Polyvinyl Chloride 0.030
Overall Insulation
Overall Cable
Overall Nominal Diameter:
0.123 in.
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +105°C
Bulk Cable Weight:
13.750 lbs/1000 ft.
Min. Bend Radius/Minor Axis:
1 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
UL Rating:
600 V, 105°C
UL Type:
MTW or AWM 1015/1230
CSA Rating:
600 V, 105°C
CSA Type:
AWM I A/B or TEW
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
VW-1
CSA Flame Test:
FT1
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
3.750
Max. Operating Voltage - UL:
Page 1 of 2
08-26-2016
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8917 Hook-up/Lead - UL AWM Style 1015


Similar Part No. - 8917

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8917 ETC2-8917 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8917 ETC2-8917 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8917 ETC2-8917 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Belden Inc.
8917 BELDEN-8917 Datasheet
255Kb / 3P
Lead Wire, #16 Str TC, PVC Ins, AWM 1015 CSA TYPE TEW
logo
Heyco.
8917 HEYCO-8917 Datasheet
129Kb / 1P
Heyco® Hose and Cable Wrap-Polyethylene
More results

Similar Description - 8917

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C21172101 GENERAL-C21172101 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
C21172102 GENERAL-C21172102 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
C21172103 GENERAL-C21172103 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
C21172104 GENERAL-C21172104 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
C21172106 GENERAL-C21172106 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
C21182101 GENERAL-C21182101 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 20, Conductor/Strands: Solid
C21192102 GENERAL-C21192102 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192104 GENERAL-C21192104 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192107 GENERAL-C21192107 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192108 GENERAL-C21192108 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com