Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8917 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8917
Description  Hook-up/Lead - UL AWM Style 1015
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8917 Datasheet(HTML) 2 Page - Belden Inc.

  8917 Datasheet HTML 1Page - Belden Inc. 8917 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage
600 V RMS
Max. Recommended Current:
Description
Current
Single conductor in free air @ 30C ambient 26 amps
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8917 001100
100 FT
2.100 LB
BROWN
16 STR PVC BRN
8917 0011000
1,000 FT
15.000 LB
BROWN
P
16 STR PVC BRN
8917 002100
100 FT
2.100 LB
RED
16 STR PVC RED
8917 0021000
1,000 FT
15.000 LB
RED
C P
16 STR PVC RED
8917 002500
500 FT
7.500 LB
RED
16 STR PVC RED
8917 0025000
5,000 FT
70.000 LB
RED
C
#16 STR PVC RED
8917 003100
100 FT
2.100 LB
ORANGE
16 STR PVC ORG
8917 0031000
1,000 FT
15.000 LB
ORANGE
P
16 STR PVC ORG
8917 004100
100 FT
2.100 LB
YELLOW
16 STR PVC YEL
8917 0041000
1,000 FT
15.000 LB
YELLOW
C P
16 STR PVC YEL
8917 005100
100 FT
2.100 LB
GREEN, DARK
16 STR PVC DGRN
8917 0051000
1,000 FT
15.000 LB
GREEN, DARK
P
16 STR PVC DGRN
8917 005500
500 FT
7.500 LB
GREEN, DARK
16 STR PVC DGRN
8917 0071000
1,000 FT
15.000 LB
VIOLET
P
#16 STR PVC VIO
8917 0081000
1,000 FT
15.000 LB
GRAY
C P
#16 STR PVC GRY
8917 009100
100 FT
2.100 LB
WHITE
16 STR PVC WHT
8917 0091000
1,000 FT
15.000 LB
WHITE
P
16 STR PVC WHT
8917 009500
500 FT
7.500 LB
WHITE
16 STR PVC WHT
8917 0095000
5,000 FT
70.000 LB
WHITE
C
#16 STR PVC WHT
8917 010100
100 FT
2.100 LB
BLACK
16 STR PVC BLK
8917 0101000
1,000 FT
15.000 LB
BLACK
P
16 STR PVC BLK
8917 010500
500 FT
7.500 LB
BLACK
16 STR PVC BLK
8917 0105000
5,000 FT
70.000 LB
BLACK
C P
#16 STR PVC BLK
8917 013100
100 FT
2.100 LB
BLUE, DARK
16 STR PVC DBLU
8917 0131000
1,000 FT
15.000 LB
BLUE, DARK
P
16 STR PVC DBLU
8917 013500
500 FT
7.500 LB
BLUE, DARK
16 STR PVC DBLU
8917 0135000
5,000 FT
70.000 LB
BLUE, DARK
C
#16 STR PVC DBLU
8917 189100
100 FT
2.100 LB
GREEN/YELLOW
A
16 STR PVC GRN/YEL
8917 1891000
1,000 FT
15.000 LB
GREEN/YELLOW
C A
16 STR PVC GRN/YEL
Notes:
A = STOCKED STRIPE COLORS.
C = CRATE REEL PUT-UP.
P = STRIPE COLORS ON STOCK SOLID COLORS. STRIPING ADDER OF $8.00/M' FOR1 OR 2 STRIPES. 10000' MINIMUM ORDER FOR COLOR COMBINATION.PUT-UP WILL BE
SUBJECT TO TWO PIECES (+ OR -) 10% PER SPOOL
Revision Number: 2
Revision Date: 09-03-2013
© 2016 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 2014/35/EU).
Page 2 of 2
08-26-2016
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8917 Hook-up/Lead - UL AWM Style 1015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com