Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAHT073C2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PRAHT073C2
Description  High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRAHT073C2 Datasheet(HTML) 4 Page - Vishay Siliconix

  PRAHT073C2 Datasheet HTML 1Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 2Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 3Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 4Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRAHT 100, PRAHT 135, PRAHT 182 (CNW)
www.vishay.com
Vishay Sfernice
Revision: 18-Sep-14
4
Document Number: 53057
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Rn: Nominal resistance
PERFORMANCE
TESTS
CONDITIONS
CECC REQUIREMENTS
DRIFTS
ABSOLUTE PER
(Typical Values)
RATIO
Overload
2.5 Un/2 s
0.05 % Rn + 0.05
0.01 % Rn
Climatic sequences
-55 °C to +155 °C/5 moisture cycles
0.1 % Rn + 0.05
0.01 % Rn
Thermal shock
-55 °C to +155 °C/5 cycles 30'
0.05 % Rn + 0.05
0.01 % Rn
Load life
1000 h/Pn at 215 °C
0.5 % Rn
0.25 % Rn
8000 h/Pn at 215 °C
0.7 % Rn
0.4 % Rn
Resistance to solder heat
260 °C/10 s
0.05 % Rn + 0.05
0.01 % Rn
Moisture resistance
0.01 Pn at +40 °C 93 % RH
0.1 % Rn + 0.05
0.01 % Rn
High temperature storage
1000 h/no load at +155 °C
0.1 % Rn + 0.05
0.02 % Rn
CODIFICATION OF PACKAGING
CODE 18
PACKAGING
WAFFLE PACK
W
100 min., 1 mult
PLASTIC TAPE
T
100 min., 1 mult
TA
100 min., 100 mult
TB
250 min., 250 mult
TC
500 min., 500 mult
TD
1000 min., 1000 mult
TE
2500min., 2500 mult
TF
Full tape (quantity depending on size of chips)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com