Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAHT073C2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PRAHT073C2
Description  High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRAHT073C2 Datasheet(HTML) 2 Page - Vishay Siliconix

  PRAHT073C2 Datasheet HTML 1Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 2Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 3Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 4Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRAHT 100, PRAHT 135, PRAHT 182 (CNW)
www.vishay.com
Vishay Sfernice
Revision: 18-Sep-14
2
Document Number: 53057
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Part number can only have 18 digits. Depending on infomation needed a compromise has to be found. A codification can be used to identify
case size + configuration and number of resistors. See table below.
E.g. PRAHT100I4-4K75BWGTA (Part number has more than 18 digts): PRAHT100I4 must be replaced by PRAHT17 =
PRAHT17-4K75BWGTA
(2) When the last digit(s) of the ohmic value is (are) 0, it (they) can be omitted.
E.g.: PRAHT100I4-2K20BWGT
 can be ordered under PRAHT100I4-2K2BWGT
PRAHT100I4-1K00BWGT
 can be ordered under PRAHT100I4-1KBWGT
(3) N termination for temperature up to 200 °C.
G termination for temperature up to 230 °C.
Notes
(4) At +215 °C
(5) At -40 °C to +215 °C
GLOBAL PART NUMBER INFORMATION (1)
New Global Part Numbering: PRAHT100I4-1K00BWGT
GLOBAL MODEL
CONFIG.
NUMBERS OF
RESISTORS
VALUE (2)
ABS. TOL.
RATIO TOL.
TERMINATION (3)
PACKAGING
PRAHT 100
PRAHT 135
PRAHT 182
I: Independent
C: Common
2 to 4
Decimal
R or K
D = 0.5 %
F = 1 %
B = 0.1 %
B = 0.1 %
W = 0.05 %
N:
SnAg over
nickel barrier
G:
Gold over
nickel barrier
For more
information see
“Codification of
packaging” table
N and G: Lead (Pb)-free/RoHS version
For different ohmic values on a given network a specific part number is used
CNWHT
2027
T
GLOBAL
MODEL
REFERENCE
For more information see
“Codification of
packaging” table
CODIFICATION OF SIZE + CONFIGUATION + NUMBER OF RESISTORS
CODE 18
CODE 40
CODE 18
CODE 40
CODE 18
CODE 40
CODE 18
CODE 40
CODE 18
CODE 40
1
PRAHT073I2
15
PRAHT100I2
29
PRAHT182I2
43
PRAHT074C2
57
PRAHT135C2
2
PRAHT073I3
16
PRAHT100I3
30
PRAHT182I3
44
PRAHT074C3
58
PRAHT135C3
3
PRAHT073I4
17
PRAHT100I4
31
PRAHT182I4
45
PRAHT074C4
59
PRAHT135C4
4
PRAHT073I5
18
PRAHT100I5
32
PRAHT182I5
46
PRAHT074C5
60
PRAHT135C5
5
PRAHT073I6
19
PRAHT100I6
33
PRAHT182I6
47
PRAHT074C6
61
PRAHT135C6
6
PRAHT073I7
20
PRAHT100I7
34
PRAHT182I7
48
PRAHT074C7
62
PRAHT135C7
7
PRAHT073I8
21
PRAHT100I8
35
PRAHT182I8
49
PRAHT074C8
63
PRAHT135C8
8
PRAHT074I2
22
PRAHT135I2
36
PRAHT073C2
50
PRAHT100C2
64
PRAHT182C2
9
PRAHT074I3
23
PRAHT135I3
37
PRAHT073C3
51
PRAHT100C3
65
PRAHT182C3
10
PRAHT074I4
24
PRAHT135I4
38
PRAHT073C4
52
PRAHT100C4
66
PRAHT182C4
11
PRAHT074I5
25
PRAHT135I5
39
PRAHT073C5
53
PRAHT100C5
67
PRAHT182C5
12
PRAHT074I6
26
PRAHT135I6
40
PRAHT073C6
54
PRAHT100C6
68
PRAHT182C6
13
PRAHT074I7
27
PRAHT135I7
41
PRAHT073C7
55
PRAHT100C7
69
PRAHT182C7
14
PRAHT074I8
28
PRAHT135I8
42
PRAHT073C8
56
PRAHT100C8
70
PRAHT182C8
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
POWER
RATING PER
RESISTOR (4)
W
ABSOLUTE
TOLERANCE
± %
RATIO
TOLERANCE
%
ABSOLUTE
TCR (5)
± ppm/°C
RATIO
TCR (5)
± ppm/°C
PRAHT 100
100
10 to 250K
0.010
0.1, 0.5, 1
0.05, 0.1
15
2
PRAHT 135
135
10 to 500K
0.0125
0.1, 0.5, 1
0.05, 0.1
15
2
PRAHT 182
182
10 to 2M
0.020
0.1, 0.5, 1
0.05, 0.1
15
2
H
T
100
I
4
-
1
A
K0
0
B
W
GT
R
P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com