Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF56RTYEB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTF56RTYEB
Description  Metal Film Resistors, Axial, High Precision, High Stability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTF56RTYEB Datasheet(HTML) 1 Page - Vishay Siliconix

  PTF56RTYEB Datasheet HTML 1Page - Vishay Siliconix PTF56RTYEB Datasheet HTML 2Page - Vishay Siliconix PTF56RTYEB Datasheet HTML 3Page - Vishay Siliconix PTF56RTYEB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PTF
www.vishay.com
Vishay Dale
Revision: 16-Sep-16
1
Document Number: 31019
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Film Resistors, Axial, High Precision, High Stability
FEATURES
• Extremely
low
temperature
coefficient
of
resistance
• Very low noise and voltage coefficient
• Very good high frequency characteristics
• Can replace wirewound bobbins
• Proprietary epoxy coating provides superior
moisture protection
• For surface mount product, see Vishay Dale’s
PSF datasheet (www.vishay.com/doc?30162)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and / or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details.
Notes
• DSCC has created a drawing to support the need for a precision axial-leaded product. Vishay Dale is listed as a resource on this drawing
as follows:
This drawing can be viewed at: www.landandmaritime.dla.mil/Programs/MilSpec/ListDwgs.aspx?DocTYPE=DSCCdwg
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less.
(2) Hot solder dipped leads.
(3) For operation of the PTF resistors at higher power ratings, see the Load Life Shift Due to Power and Derating table. This table gives a
summary of the effects of using the PTF product at the more common combinations of power rating and case size, as well as quantifies the
load life stability under those conditions.
Notes
• For additional information on packaging, refer to the Through-Hole Resistor Packaging document (www.vishay.com/doc?31544).
(1) Historical tolerance codes were BB for 0.01 % and BC for 0.02 %.
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING (3)
P85 °C
W
LIMITING ELEMENT
VOLTAGE MAX. (1)
V
TEMPERATURE
COEFFICIENT
± ppm/°C
TOLERANCE
± %
RESISTANCE
RANGE
PTF51
PTF-51
0.05
200
5, 10, 15
0.02, 0.05, 0.1, 0.25, 0.5, 1
15 to 100K
PTF56
PTF-56
0.125
300
5, 10, 15
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
15 to 500K
PTF65
PTF-65
0.25
500
5, 10, 15
0.05, 0.1, 0.25, 0.5, 1
15 to 1M
DSCC
DRAWING
NUMBER
VISHAY DALE
MODEL
POWER RATING
P85 °C
W
RESISTANCE
RANGE
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
MAXIMUM WORKING
VOLTAGE (1)
V
89088
PTF56..31,
PTF56..32 (2)
0.100
15 to 100K
0.01, 0.05, 0.1, 0.5, 1
5, 10
200
90038
PTF65..16,
PTF65..14 (2)
0.250
15 to 100K
0.05, 0.1, 0.5, 1
5, 10
200
TEMPERATURE COEFFICIENT CODES
GLOBAL TC CODE
HISTORICAL TC CODE
TEMPERATURE COEFFICIENT
Z
T-16
5 ppm/°C
Y
T-13
10 ppm/°C
X
T-10
15 ppm/°C
GLOBAL PART NUMBER INFORMATION
P x R
RESISTANCE
TOLERANCE
MODEL
VALUE
CODE
PTF51
R =
Ω
K = k
Ω
M = M
Ω
15R000 = 15
Ω
500K00 = 500 k
Ω
1M0000 = 1.0 M
Ω
T = ± 0.01 %
(1)
Z = 5 ppm
EK = lead (Pb)-free, bulk
EA = lead (Pb)-free, T/R (full)
EB = lead (Pb)-free,
T/R (1000 pieces)
BF = tin/lead, bulk
RE = tin/lead, T/R (full)
R6 = tin/lead, T/R (1000 pieces)
Q = ± 0.02 %
(1)
Y = 10 ppm
PTF65
A = ± 0.05 %
X = 15 ppm
B = ± 0.1 %
0 = special
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
New Global Part Numbering: PTF5620K500BYRE (preferred part numbering format)
P
T
F
5
6
2
0K
5
0
0BY
Historical Part Number example: PTF-5620K5BT-13R36 (will continue to be accepted)
Blank = standard
(Dash number)
(Up to 3 digits)
From 1 to 999
PACKAGING
as applicable
PTF56
R
E
TEMP.
COEFFICIENT
SPECIAL
GLOBAL
HISTORICAL MODEL
PTF-56
RESISTANCE VALUE
20K5
TOLERANCE CODE
B
TEMP. COEFFICIENT
T-13
PACKAGING
R36


Similar Part No. - PTF56RTYEB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTF56100R00BYEK VISHAY-PTF56100R00BYEK Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
PTF5610K000BYEK VISHAY-PTF5610K000BYEK Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
PTF56120R00BZEK VISHAY-PTF56120R00BZEK Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
PTF5615K000BZEK VISHAY-PTF5615K000BZEK Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
PTF561K0000BYEK VISHAY-PTF561K0000BYEK Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
More results

Similar Description - PTF56RTYEB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PMA0207 VISHAY-PMA0207 Datasheet
108Kb / 4P
Metal Film Resistors, Precision, High Stability
05-Aug-02
RCMA VISHAY-RCMA Datasheet
149Kb / 4P
Molded Metal Film Very High Stability and Precision Resistors
12-Sep-14
RCMS02 VISHAY-RCMS02 Datasheet
309Kb / 4P
Molded Metal Film High Stability Resistors
02-Oct-09
logo
YAGEO Corporation
RT0603BRD073K57L YAGEO-RT0603BRD073K57L Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K01L YAGEO-RT1206FRE073K01L Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K9L YAGEO-RT1206FRE073K9L Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
logo
Vishay Siliconix
PSF VISHAY-PSF Datasheet
90Kb / 4P
Metal Film Resistors, High Precision, High Stability, Surface Mount
13-Jul-12
PTF VISHAY-PTF Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
Molded Metal Film High Stability Resistors
05-Aug-13
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com