Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF56RTYEB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PTF56RTYEB
Description  Metal Film Resistors, Axial, High Precision, High Stability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTF56RTYEB Datasheet(HTML) 3 Page - Vishay Siliconix

  PTF56RTYEB Datasheet HTML 1Page - Vishay Siliconix PTF56RTYEB Datasheet HTML 2Page - Vishay Siliconix PTF56RTYEB Datasheet HTML 3Page - Vishay Siliconix PTF56RTYEB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PTF
www.vishay.com
Vishay Dale
Revision: 16-Sep-16
3
Document Number: 31019
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LOAD LIFE SHIFT DUE TO POWER AND DERATING (AT 85 °C)
The power rating for the PTF parts is tied to the derating temperature, the heat rise of the parts, and the
R for the load life performance.
When the tables/graphs below are used together they show that when the parts are run at higher power ratings, the parts will run hotter,
which has the potential of causing the resistance of the parts to shift more over the life of the part.
LOAD LIFE SHIFT VS. POWER RATING
LOAD LIFE
CONDITIONS OF TEST
MAXIMUM
R (TYPICAL TEST LOTS)
MIL-PRF-55182 Paragraph 4.8.18
1000 h rated power at +85 °C
 ± 0.04 %
 ± 0.15 %
 ± 0.5 %
 ± 1.0 %
MODEL
POWER RATING AT + 85 °C
PTF51
1/20 W
1/10 W
1/8 W
1/4 W
PTF56
1/8 W
-
1/4 W
1/2 W
PTF65
1/4 W
-
1/2 W
3/4 W
Example: When a PTF56 part is run at 1/8 W in a 70 °C ambient environment, the resistor will generate enough heat that the surface
temperature of the part will reach about 17 °C over the ambient temperature, and over the life of the part this could cause the resistance
value to shift up to ± 0.04 %.
If the same resistor was instead run at 1/4 W in a 70 °C environment, the element will heat up to about 30 °C over ambient, and over the life
of the part the resistance value could shift roughly ± 0.5 %.
And if the resistor was run at its maximum power rating of 1/2 W in a 70 °C environment, it will heat up to about 61°C over ambient, and you
could see the resistance value shift roughly ± 1 % over the life of the part.
TEMPERATURE COEFFICIENT OF RESISTANCE
Temperature coefficient (TC) of resistance is normally stated as the maximum amount of resistance change from the original +25 °C value
as the ambient temperature increases or decreases. This is most commonly expressed in parts per million per degree centigrade (ppm/°C).
The resistance curve over the operating temperature range is usually a non-linear curve within predictable maximum limits. PTF resistors
have a very unifom resistance temperature characteristic when measured over the operating range of -20 °C to +85 °C. The standard
temperature coefficients available are
X = ± 15 ppm/°C, Y = ± 10 ppm/°C and Z = ± 5 ppm/°C.
Some applications of the PTF require operation beyond the specifications of -20 °C to +85 °C. The change in temperature coefficient of
resistance is very small (less than ± 0.05 ppm/°C) over the expanded temperature range of -55 °C to +150 °C. Therefore, when operating
outside the range -20 °C to +85 °C, the designer can plan for a worst case addition of ± 0.05 ppm/°C for each degree centigrade beyond
either -20 °C or +85 °C as indicated in the graph. This applies to all three temperature coefficient codes.
Example: Assume the operating characteristics demand a temperature range from -55 °C to +125 °C. This requires a ± 35 °C
 below
-20 °C and a ± 40 °C
 above +85 °C. The extreme  being ± 40 °C means that the worst case addition to the specified TC limit of
± 0.05 ppm/°C times ± 40 °C or ± 2 ppm/°C. Therefore, a Z which is characterized by a base TC limit of ± 5 ppm/°C over the temperature
range of -20 °C to +85 °C will exhibit a maximum temperature coefficient of ± 7 ppm/°C over the expanded portion of the temperature range
of -55 °C to +125 °C.
AMBIENT TEMPERATURE IN °C
DERATING
0
20
40
60
80
100
120
- 55
- 25
0
25
50
75
100
125
150
175
200
85
0
20
40
60
80
100
120
APPLIED POWER IN W
0
0.125
0.25
0.375
0.5
0.625
0.75 0.875
1
1.125
THERMAL RESISTANCE
PTF65
PTF56
PTF51
4
3
2
1
0
- 50 - 40 - 30 - 20
90 100 110 120 130 140 150
EXPANDED
OPERATING RANGE
- 55 °C TO - 20 °C
EXPANDED
OPERATING RANGE
- 85 °C TO + 150 °C
- 20 °C TO + 85 °C
BASE TC LIMIT
X, Y
or Z



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com