Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7DR Datasheet(PDF) 2 Page - AUER Signal GmbH

Part # PC7DR
Description  Modul-Perfect 70 modular Signal tower
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

PC7DR Datasheet(HTML) 2 Page - AUER Signal GmbH

  PC7DR Datasheet HTML 1Page - AUER Signal GmbH PC7DR Datasheet HTML 2Page - AUER Signal GmbH PC7DR Datasheet HTML 3Page - AUER Signal GmbH PC7DR Datasheet HTML 4Page - AUER Signal GmbH PC7DR Datasheet HTML 5Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Modul-Perfect 70 Pre-assembled Signal towers
Order no.: PC7-Q07
Colours: red/amber/green
Function: Top LED steady/flashing
beacon (red) + LED steady beacon
Nominal voltage: 24 V AC/DC
Type of mounting: Tube mounting
(100 mm tube length)
Order no.: PC7-Q06
Colours: red/amber/green
Function: LED multifunctional module
(red) + LED steady beacon
Nominal voltage: 24 V AC/DC
Type of mounting: Tube mounting
(100 mm tube length)
Order no.: PC7-Q05
Colours: red/amber/green/blue
Function: LED steady beacon
Nominal voltage: 24 V AC/DC
Type of mounting: Tube mounting
(100 mm tube length)
Order no.: PC7-Q02
Colours: red/green
Function: LED steady beacon
Nominal voltage: 24 V AC/DC
Type of mounting: Tube mounting
(100 mm tube length)
Order no.: PC7-Q01
Colours: red/amber/green
Function: LED steady beacon
Nominal voltage: 24 V AC/DC
Type of mounting: Tube mounting
(100 mm tube length)
m o D u l ar S i gnal Towe rS
Modul-Perfect 70



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com