Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7DR Datasheet(PDF) 1 Page - AUER Signal GmbH

Part # PC7DR
Description  Modul-Perfect 70 modular Signal tower
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

PC7DR Datasheet(HTML) 1 Page - AUER Signal GmbH

  PC7DR Datasheet HTML 1Page - AUER Signal GmbH PC7DR Datasheet HTML 2Page - AUER Signal GmbH PC7DR Datasheet HTML 3Page - AUER Signal GmbH PC7DR Datasheet HTML 4Page - AUER Signal GmbH PC7DR Datasheet HTML 5Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Modul-Perfect 70 modular Signal tower
• Ø 70 mm modular signal tower
• Up to 6 times brighter than comparable signal towers
• 7 positions provide maximum flexibility
• Two visual appearances available with the new diffuser
• Even brighter top light module with hemispherical
signalling effect
• New LED light modules with multi colour, rotating light,
multi function and steady light functions
• Multitone module now also available as an inline module
• New multi-tone alarm sounder module for the best
possible tone quality and variety
• Innovative MP3/voice output module for playing
back audio formats
• Patented, cost-effective M12 bases
Technical DaTa
Housing
Ø 70 mm, Polycarbonate black
Lens
Polycarbonate, amber, red, clear, blue, green,
yellow or magenta
Leakage current
0,003 A
Beacon type
LED steady beacon, LED flashing beacon, LED
strobe beacon or LED multi strobe beacon
Light source
LEDs
Tone
see tone table
Volume
100-105 dB (depending on module)
Duty cycle
100 %
Service life
Light source: LED 100,000 hours
Number of possible modules
max. 7
Operating temperature
-30°C / +70°C
Degree of protection
IP 66/ IP67 & UL Type 4/4x/13
Impact resistance
IK08
Weight (modules)
48-166 g
m o D u l ar S i gnal Towe rS
105 dB
+60°c
-30°c
iP66
Modul-Perfect 70
iP67


Similar Part No. - PC7DR

ManufacturerPart #DatasheetDescription
logo
Elma Electronic Ltd
PC7-FESTIVAL ELMA-PC7-FESTIVAL Datasheet
992Kb / 19P
Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family
logo
Vishay Siliconix
PC70 VISHAY-PC70 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC702V0NSZX SHARP-PC702V0NSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC7DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LE-502FBW-RYGBC ETC2-LE-502FBW-RYGBC Datasheet
239Kb / 2P
Signal Tower
logo
Banner Engineering Corp...
TL70 BANNER-TL70_V01 Datasheet
382Kb / 4P
TL70 Modular Tower Light
logo
PHOENIX CONTACT
3213144 PHOENIX-3213144 Datasheet
128Kb / 12P
Ground modular terminal block - UKH 70/4X10-PE
logo
Contec Co., Ltd
CPS-PAV-AE01-EU CONTEC-CPS-PAV-AE01-EU Datasheet
541Kb / 3P
Signal Tower Monitoring
logo
List of Unclassifed Man...
T0053452299 ETC-T0053452299 Datasheet
413Kb / 2P
2-Kanal-Rework-Modul 70 W
logo
Schneider Electric
XVBC4B7 SCHNEIDER-XVBC4B7 Datasheet
132Kb / 4P
Harmony XVB 70 mm Tower Lights
Jan 13, 2022
XVBC4M3 SCHNEIDER-XVBC4M3 Datasheet
132Kb / 4P
Harmony XVB 70 mm Tower Lights
Jan 13, 2022
XVBKEQ3743G2 SCHNEIDER-XVBKEQ3743G2 Datasheet
105Kb / 2P
Harmony XVB 70 mm Tower Lights
Jan 12, 2022
XVBL0G4 SCHNEIDER-XVBL0G4_V01 Datasheet
101Kb / 4P
Harmony XVB 70 mm Tower Lights
Jan 13, 2022
XVBL4B6 SCHNEIDER-XVBL4B6_V01 Datasheet
102Kb / 4P
Harmony XVB 70 mm Tower Lights
Jan 11, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com