Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS704EG Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # PFS704EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS704EG Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button PFS704EG Datasheet HTML 20Page - Power Integrations, Inc. PFS704EG Datasheet HTML 21Page - Power Integrations, Inc. PFS704EG Datasheet HTML 22Page - Power Integrations, Inc. PFS704EG Datasheet HTML 23Page - Power Integrations, Inc. PFS704EG Datasheet HTML 24Page - Power Integrations, Inc. PFS704EG Datasheet HTML 25Page - Power Integrations, Inc. PFS704EG Datasheet HTML 26Page - Power Integrations, Inc. PFS704EG Datasheet HTML 27Page - Power Integrations, Inc. PFS704EG Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Rev. G 06/15
24
PFS704-729EG
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
C = -40 °C to 125 °C
(Note D) (Unless Otherwise Specified)
Min
Typ
Max
Units
Power MOSFET (cont.)
Effective Output
Capacitance
C
OSS
T
C = 25 °C,
V
GS = 0 V,
V
DS = 0 to 80%
V
DSS
See Note A
PFS704
176
pF
PFS706
210
PFS708
265
PFS710
312
PFS712
320
PFS713/PFS714
420
PFS716
487
PFS723
185
PFS724
221
PFS725
278
PFS726
328
PFS727
389
PFS728
441
PFS729
511
Breakdown Voltage
BV
DSS
T
M = 25 °C, VCC = 12 V
I
D = 250 mA, VFB = VV = 0 V
530
V
Breakdown Voltage
Temperature
Coefficient
BV
DSS(TC)
See Note A
1.2
%/25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com