Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS704EG Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # PFS704EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS704EG Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button PFS704EG Datasheet HTML 21Page - Power Integrations, Inc. PFS704EG Datasheet HTML 22Page - Power Integrations, Inc. PFS704EG Datasheet HTML 23Page - Power Integrations, Inc. PFS704EG Datasheet HTML 24Page - Power Integrations, Inc. PFS704EG Datasheet HTML 25Page - Power Integrations, Inc. PFS704EG Datasheet HTML 26Page - Power Integrations, Inc. PFS704EG Datasheet HTML 27Page - Power Integrations, Inc. PFS704EG Datasheet HTML 28Page - Power Integrations, Inc. PFS704EG Datasheet HTML 29Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Rev. G 06/15
25
PFS704-729EG
www.power.com
NOTES:
A. Not a tested parameter. Guaranteed by design.
B. Tested in typical boost PFC application circuit with 0.1
mF capacitor between the V pin and G pin and a 4 MW resistor from
rectified line to the V pin for PFS70x and PFS71x.
C. Tested in typical boost PFC application circuit with 0.047
mF capacitor between the V pin and G pin and a 9 MW resistor from
rectified line to the V pin for PFS72x.
D. Normally limited by internal circuitry.
E. Refer to I
OCP with IV <48 mA for PFS704-716.
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
C = -40 °C to 125 °C
(Note D) (Unless Otherwise Specified)
Min
Typ
Max
Units
Power MOSFET (cont.)
OFF-State Drain
Current Leakage
I
DSS
T
M = 100 °C
V
DS = 80% BVDSS
V
CC = 12 V
V
FB = VV = 0
PFS704
80
mA
PFS706
100
PFS708
120
PFS710
150
PFS712
170
PFS713/PFS714
200
PFS716
235
PFS723
84
PFS724
105
PFS725
126
PFS726
158
PFS727
179
PFS728
210
PFS729
247
Turn-Off Voltage
Rise Time
t
R
See Note A, B, C
50
ns
Turn-On Voltage
Fall Time
t
F
100
Start-up Time Delay
t
START-DELAY
0
°C < T
C < 100 °C
See Note A, B, C
2
6
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com