Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS712EG Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # PFS712EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS712EG Datasheet(HTML) 1 Page - Power Integrations, Inc.

  PFS712EG Datasheet HTML 1Page - Power Integrations, Inc. PFS712EG Datasheet HTML 2Page - Power Integrations, Inc. PFS712EG Datasheet HTML 3Page - Power Integrations, Inc. PFS712EG Datasheet HTML 4Page - Power Integrations, Inc. PFS712EG Datasheet HTML 5Page - Power Integrations, Inc. PFS712EG Datasheet HTML 6Page - Power Integrations, Inc. PFS712EG Datasheet HTML 7Page - Power Integrations, Inc. PFS712EG Datasheet HTML 8Page - Power Integrations, Inc. PFS712EG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PFS704-729EG
HiperPFS Family
www.power.com
June 2015
High Power PFC Controller with Integrated
High-Voltage MOSFET
This Product is Covered by Patents and/or Pending Patent Applications.
Key Benefits
•
Single chip solution for boost power factor correction (PFC)
•
EN61000-3-2 Class C and D compliant
•
High light load efficiency at 10% and 20% load
•
>95% efficiency from 10% load to full load
•
<130 mW no-load consumption at 230 VAC with output in
regulation
•
<50 mW no-load consumption at 230 VAC in remote off state
•
Frequency adjusted over line voltage, and line cycle
•
Spread-spectrum across >60 kHz window to simplify EMI
filtering requirements
•
Lower boost inductance
•
Provides up to 1 kW peak output power
•
>1 kW peak power delivery in power limit voltage regulation
mode
•
High integration allows smaller form factor, higher power density
designs
•
Incorporates control, gate driver, and high-voltage power
MOSFET
•
Internal current sense reduces component count and system
losses
•
Protection features include: UV, OV, OTP, brown-in/out, cycle-
by-cycle current limit, and power limiting for overload protection
•
Halogen free and RoHS compliant
Applications
•
PC
•
High power adaptors
•
Printer
•
High power LED lighting
•
LCD TV
•
Industrial and appliance
•
Video game consoles
•
Generic PFC converters
Figure 1.
Typical Application Schematic.
Output Power Table
Product
Maximum Continuous
Output Power Rating at
90 VAC
Peak Output Power
Rating at 90 VAC
PFS704EG
110 W
120 W
PFS706EG
140 W
150 W
PFS708EG
190 W
205 W
PFS710EG
240 W
260 W
PFS712EG
300 W
320 W
PFS713EG
300 W
320 W
PFS714EG
350 W
385 W
PFS716EG
388 W
425 W
Product
Maximum Continuous
Output Power Rating at
180 VAC
Peak Output Power
Rating at 180 VAC
PFS723EG
255 W
280 W
PFS724EG
315 W
350 W
PFS725EG
435 W
480 W
PFS726EG
540 W
600 W
PFS727EG
675 W
750 W
PFS728EG
810 W
900 W
PFS729EG
900 W
1000 W
Table 1. Output Power Table (see Notes on page 9)
PI-6021-110810
D
S
FB
VCC
VCC
V
G
AC
IN
DC
OUT
CONTROL
+
HiperPFS


Similar Part No. - PFS712EG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PFS712EG POWERINT-PFS712EG Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
PFS712EG POWERINT-PFS712EG Datasheet
2Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
June 2015
More results

Similar Description - PFS712EG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Power Integrations, Inc...
PFS704 POWERINT-PFS704 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
PFS7323 POWERINT-PFS7323 Datasheet
4Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
logo
NXP Semiconductors
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
logo
ON Semiconductor
NCP1600 ONSEMI-NCP1600 Datasheet
396Kb / 23P
High Voltage PFC Controller
July, 2006 ??Rev. 2
logo
Power Integrations, Inc...
PFS704 POWERINT-PFS704_V01 Datasheet
2Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
June 2015
PFS7323 POWERINT-PFS7323_V01 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
June 2015
logo
STMicroelectronics
L4985 STMICROELECTRONICS-L4985 Datasheet
1Mb / 27P
CCM PFC controller with high voltage startupv
28-Dec-2021
logo
NXP Semiconductors
AN11142 NXP-AN11142 Datasheet
970Kb / 56P
GreenChip TEA1755 integrated PFC and flyback controller
Rev. 2 - 13 September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com