Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB30MUX-TP Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # FSUSB30MUX-TP
Description  Dual 2:1 USB2.0 Mux/De-Mux with DC 30V Over-Voltage Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

FSUSB30MUX-TP Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  FSUSB30MUX-TP Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD FSUSB30MUX-TP Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD FSUSB30MUX-TP Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD FSUSB30MUX-TP Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD FSUSB30MUX-TP Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD FSUSB30MUX-TP Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD FSUSB30MUX-TP Datasheet HTML 7Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


Similar Part No. - FSUSB30MUX-TP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30MUX FAIRCHILD-FSUSB30MUX Datasheet
953Kb / 17P
Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30MUX FAIRCHILD-FSUSB30MUX Datasheet
941Kb / 20P
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30MUX FAIRCHILD-FSUSB30MUX Datasheet
1Mb / 18P
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30MUX ONSEMI-FSUSB30MUX Datasheet
750Kb / 19P
Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
logo
Fairchild Semiconductor
FSUSB30MUX FAIRCHILD-FSUSB30MUX_12 Datasheet
739Kb / 18P
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB30MUX-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
Pericom Semiconductor C...
PI3WVR31310A PERICOM-PI3WVR31310A Datasheet
1Mb / 16P
DP/HDMI 1:3 De-mux/Mux switches
logo
Texas Instruments
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
PI3USB4000D DIODES-PI3USB4000D Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
February 2021
PI3USB4000DQ DIODES-PI3USB4000DQ Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
PI3WVR31310A DIODES-PI3WVR31310A Datasheet
1Mb / 17P
DP/HDMI 1:3 De-mux/Mux Switches
01/09/17
PI3USB4000A DIODES-PI3USB4000A Datasheet
1Mb / 10P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
Rev 3 - 2 January 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com