Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS212ZXHT Datasheet(PDF) 3 Page - Texas Instruments

Part # HD3SS212ZXHT
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS212ZXHT Datasheet(HTML) 3 Page - Texas Instruments

  HD3SS212ZXHT Datasheet HTML 1Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 2Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 3Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 4Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 5Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 6Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 7Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 8Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
5 Pin Configuration and Function
1
2
3
4
5
6
7
8
9
A
Dx_SEL
VDD
DA0(n)
DA1(n)
DA2(n)
DA3(p)
DA3(n)
B
DC0(n)
DC0(p)
GND
DA0(p)
DA1(p)
DA2(p)
OE
DB0(p)
DB0(n)
C
GND
D
DC1(n)
DC1(p)
DB1(p)
DB1(n)
E
DC2(n)
DC2(p)
DB2(p)
DB2(n)
F
DC3(n)
DC3(p)
DB3(p)
DB3(n)
G
GND
GND
H
AUXC(n)
AUXC(p)
HPDB
GND
NC
AUXB(p)
GND
NC
AUXA(p)
J
HPDC
HPDA
VDD
NC
AUXB(n)
NC
AUXA(n)
NC
Table 5-1. Pin Functions
PIN
PIN NAME
I/O
DESCRIPTION
A1
Dx_SEL
Control I
High Speed Port Selection Control Pins
B4
A4
DA0(p)
DA0(n)
I/O
Port A, Channel 0, High Speed Positive Signal
Port A, Channel 0, High Speed Negative Signal
B5
A5
DA1(p)
DA1(n)
I/O
Port A, Channel 1, High Speed Positive Signal
Port A, Channel 1, High Speed Negative Signal
B6
A6
DA2(p)
DA2(n)
I/O
Port A, Channel 2, High Speed Positive Signal
Port A, Channel 2, High Speed Negative Signal
A8
A9
DA3(p)
DA3(n)
I/O
Port A, Channel 3, High Speed Positive Signal
Port A, Channel 3, High Speed Negative Signal
B8
B9
DB0(p)
DB0(n)
I/O
Port B, Channel 0, High Speed Positive Signal
Port B, Channel 0, High Speed Negative Signal
D8
D9
DB1(p)
DB1(n)
I/O
Port B, Channel 1, High Speed Positive Signal
Port B, Channel 1, High Speed Negative Signal
E8
E9
DB2(p)
DB2(n)
I/O
Port B, Channel 2, High Speed Positive Signal
Port B, Channel 2, High Speed Negative Signal
F8
F9
DB3(p)
DB3(n)
I/O
Port B, Channel 3, High Speed Positive Signal
Port B, Channel 3, High Speed Negative Signal
B2
B1
DC0(p)
DC0(n)
I/O
Port C, Channel 0, High Speed Positive Signal
Port C, Channel 0, High Speed Negative Signal
D2
D1
DC1(p)
DC1(n)
I/O
Port C, Channel 1, High Speed Positive Signal
Port C, Channel 1, High Speed Negative Signal
E2
E1
DC2(p)
DC2(n)
I/O
Port C, Channel 2, High Speed Positive Signal
Port C, Channel 2, High Speed Negative Signal
F2
F1
DC3(p)
DC3(n)
I/O
Port C, Channel 3, High Speed Positive Signal
Port C, Channel 3, High Speed Negative Signal
H9
J9
AUXA(p)
AUXA(n)
I/O
Port A AUX Positive Signal
Port A AUX Negative Signal
H6
J6
AUXB(p)
AUXB(n)
I/O
Port B AUX Positive Signal
Port B AUX Negative Signal
www.ti.com
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com