Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS212ZXHT Datasheet(PDF) 11 Page - Texas Instruments

Part # HD3SS212ZXHT
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS212ZXHT Datasheet(HTML) 11 Page - Texas Instruments

Back Button HD3SS212ZXHT Datasheet HTML 7Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 8Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 9Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 10Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 11Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 12Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 13Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 14Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
The HD3SS212 behaves as a two to one using high bandwidth pass gates. The input port is selected using the
Dx_SEL pin according to Table 8-1.
Table 8-1. Switch Control Logic
CONTROL LINES
SWITCHED I/O PINS(1) (2)
Dx_SEL
DCz(p) PIN
z = 0, 1, 2 or 3
DCz(n) PIN
z = 0, 1, 2 or 3
HPDC PIN
AUXC(p) PIN
AUXC(n) PIN
L
DAz(p)
DAz(n)
HPDA
AUXA(p)
AUXA(n)
H
DBz(p)
DBz(n)
HPDB
AUXVB(p)
AUXVB(n)
(1)
OE pin - For nomal operation, drive OE high. Driving the OE pin low will disable the switch to enable power savings.
(2)
The ports which are not selected by the Control Lines will be in High Impedance State.
8.4 Device Functional Modes
The HD3SS212 can be operated in normal operation mode or in shut down mode. In normal operation, the input
ports of the HD3SS212 are routed to the output ports according to Table 8-1. In shut down mode the HD3SS212
is disabled to enable power savings with a typical current consumption of 5 µA. The functional mode is selected
through the OE input pin with High for normal operation and LOW for shut down.
www.ti.com
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com