Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 14 Page - Texas Instruments

Part # INA129MDREP
Description  INA129-EP Precision, Low Power Instrumentation Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129MDREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA129MDREP Datasheet HTML 10Page - Texas Instruments INA129MDREP Datasheet HTML 11Page - Texas Instruments INA129MDREP Datasheet HTML 12Page - Texas Instruments INA129MDREP Datasheet HTML 13Page - Texas Instruments INA129MDREP Datasheet HTML 14Page - Texas Instruments INA129MDREP Datasheet HTML 15Page - Texas Instruments INA129MDREP Datasheet HTML 16Page - Texas Instruments INA129MDREP Datasheet HTML 17Page - Texas Instruments INA129MDREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
10kW
OPA177
100W
100W
1/2 REF200
1/2 REF200
V+
R
G
INA129
Ref
V
O
V
IN
V
IN
+
10mV
±
Adjustment Range
V-
100mA
100mA
-
G = 1 +
49.4 kW
¾
R
G
INA129-EP
SBOS508A – DECEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
Typical Application (continued)
8.2.2 Detailed Design Procedure
8.2.2.1 Setting the Gain
Gain is set by connecting a single external resistor, RG, between pins 1 and 8.
(1)
Commonly used gains and resistor values are shown in Figure 16.
The 49.9-k
Ω term in Equation 1 comes from the sum of the two internal feedback resistors of A1 and A2. These
on-chip metal film resistors are laser trimmed to accurate absolute values. The accuracy and temperature
coefficient of these internal resistors are included in the gain accuracy and drift specifications of the INA129-EP.
The stability and temperature drift of the external gain setting resistor, RG, also affects gain. RG’s contribution to
gain accuracy and drift can be directly inferred from Equation 1. Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring resistance which will contribute additional gain error
(possibly an unstable gain error) in gains of approximately 100 or greater.
8.2.2.2 Dynamic Performance
Figure 1 shows that, despite its low quiescent current, the INA129-EP achieves wide bandwidth, even at high
gain. This is due to the current-feedback topology of the input stage circuitry. Settling time also remains excellent
at high gain.
8.2.2.3 Offset Trimming
The INA129-EP is laser trimmed for low offset voltage and offset voltage drift. Most applications require no
external offset adjustment. Figure 17 shows an optional circuit for trimming the output offset voltage. The voltage
applied to Ref terminal is summed with the output. The operational amplifier buffer provides low impedance at
the Ref terminal to preserve good common-mode rejection.
Figure 17. Optional Trimming of Output Offset Voltage
8.2.2.4 Input Bias Current Return Path
The input impedance of the INA129-EP is extremely high (approximately 1010
Ω). However, a path must be
provided for the input bias current of both inputs. This input bias current is approximately ±2 nA. High input
impedance means that this input bias current changes very little with varying input voltage.
Input circuitry must provide a path for this input bias current for proper operation. Figure 18 shows various
provisions for an input bias current path. Without a bias current path, the inputs will float to a potential which
exceeds the common-mode range, and the input amplifiers will saturate.
14
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com