Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 11 Page - Texas Instruments

Part # INA129MDREP
Description  INA129-EP Precision, Low Power Instrumentation Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129MDREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA129MDREP Datasheet HTML 7Page - Texas Instruments INA129MDREP Datasheet HTML 8Page - Texas Instruments INA129MDREP Datasheet HTML 9Page - Texas Instruments INA129MDREP Datasheet HTML 10Page - Texas Instruments INA129MDREP Datasheet HTML 11Page - Texas Instruments INA129MDREP Datasheet HTML 12Page - Texas Instruments INA129MDREP Datasheet HTML 13Page - Texas Instruments INA129MDREP Datasheet HTML 14Page - Texas Instruments INA129MDREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
A
1
A
2
A
3
40 kW
40 kW
40 kW
40 kW
V
IN
2
1
8
3
6
5
V
IN
R
G
V+
V-
Ref
V
O
G = 1 +
49.4 kW
R
G
+
4
7
INA129
Over-Voltage
Protection
Over-Voltage
Protection
24.7 kW
24.7 kW
-
INA129-EP
www.ti.com
SBOS508A – DECEMBER 2009 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The INA129-EP instrumentation amplifier is a type of differential amplifier that has been outfitted with input
protection circuit and input buffer amplifiers, which eliminate the need for input impedance matching and make
the amplifier particularly suitable for use in measurement and test equipment. Additional characteristics of the
INA129-EP include a very low DC offset, low drift, low noise, very high open-loop gain, very high common-mode
rejection ratio, and very high input impedances. The INA129-EP is used where great accuracy and stability of the
circuit both short and long-term are required.
7.2 Functional Block Diagram
7.3 Feature Description
The INA129-EP device is a low power, general-purpose instrumentation amplifier that offers excellent accuracy.
The versatile three-operational-amplifier design and small size make the amplifier ideal for a wide range of
applications. Current-feedback input circuitry provides wide bandwidth, even at high gain. A single external
resistor sets any gain from 1 to 10,000. The INA129-EP device is laser trimmed for very low offset voltage (50
μV) and high common-mode rejection (93 dB at G ≥ 100). This device operates with power supplies as low as
±2.25 V, and quiescent current of 2 mA, typically. The internal input protection can withstand up to ±40 V without
damage.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com