Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA170EA/250 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA170EA/250
Description  High-Side, Bidirectional CURRENT SHUNT MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA170EA/250 Datasheet(HTML) 3 Page - Texas Instruments

  INA170EA/250 Datasheet HTML 1Page - Texas Instruments INA170EA/250 Datasheet HTML 2Page - Texas Instruments INA170EA/250 Datasheet HTML 3Page - Texas Instruments INA170EA/250 Datasheet HTML 4Page - Texas Instruments INA170EA/250 Datasheet HTML 5Page - Texas Instruments INA170EA/250 Datasheet HTML 6Page - Texas Instruments INA170EA/250 Datasheet HTML 7Page - Texas Instruments INA170EA/250 Datasheet HTML 8Page - Texas Instruments INA170EA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
INA170
3
SBOS193D
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, VS = 5V, VIN
+ = 12V, R
OUT = 25kΩ, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
INPUT
Full-Scale Sense (Input) Voltage
VSENSE = VIN
+ – V
IN
–
100
500
mV
Common-Mode Input Range
+2.7
+60
V
Common-Mode Rejection
VIN
+ = +2.7V to +60V, V
SENSE = 50mV
100
120
dB
Offset Voltage(1) RTI
±0.2
±1mV
vs Temperature
TMIN to TMAX
1
µV/°C
vs Power Supply
V+ = +2.7V to +60V, VSENSE = 50mV
0.1
10
µV/V
Input Bias Current
VIN
+ , V
IN
–
10
uA
OFFSETTING AMPLIFIER
Offsetting Equation
VOS = (RL/ROS) VREF
Input Voltage
1VS – 1V
Input Offset Voltage
±0.2
±1mV
vs Temperature
TMIN to TMAX
10
µV/°C
Programming Current through ROS
01
mA
Input Impedance
1010 || 4
Ω || pF
Input Bias Current
VIN
+ , V
IN
–
+10
nA
OUTPUT
Transconductance
VSENSE = 10mV to 150mV
0.990
1
1.01
mA/V
vs Temperature
VSENSE = 100mV
50
nA/
°C
Nonlinearity Error
VSENSE = 10mV to 150mV
±0.01
±0.1
%
Total Output Error
VSENSE = 100mV
±0.5
±2%
Output Impedance
1 || 5
G
Ω || pF
Voltage Output
Swing to Power Supply, V+
(V+) – 0.9
(V+) – 1.2
V
Swing to Common Mode, VCM
VCM – 0.6
VCM – 1.0
V
FREQUENCY RESPONSE
Bandwidth
ROUT = 10kΩ
400
kHz
Settling Time (0.1%)
5V Step, ROUT = 10kΩ
3
µs
NOISE
Output-Current Noise Density
20
pA/
√Hz
Total Output-Current Noise
BW = 100kHz
7
nA RMS
POWER SUPPLY
Operating Range
V+
+2.7
+40
V
Quiescent Current
VSENSE = 0, IO = 0
75
125
µA
TEMPERATURE RANGE
Specification, TMIN to TMAX
–40
+85
°C
Operating
–55
+125
°C
Storage
–65
+150
°C
Thermal Resistance,
θ
JA
150
°C/W
NOTE: (1) Defined as the amount of input voltage, VSENSE, to drive the output to zero.
INA170EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com