Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA170EA/250 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA170EA/250
Description  High-Side, Bidirectional CURRENT SHUNT MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA170EA/250 Datasheet(HTML) 1 Page - Texas Instruments

  INA170EA/250 Datasheet HTML 1Page - Texas Instruments INA170EA/250 Datasheet HTML 2Page - Texas Instruments INA170EA/250 Datasheet HTML 3Page - Texas Instruments INA170EA/250 Datasheet HTML 4Page - Texas Instruments INA170EA/250 Datasheet HTML 5Page - Texas Instruments INA170EA/250 Datasheet HTML 6Page - Texas Instruments INA170EA/250 Datasheet HTML 7Page - Texas Instruments INA170EA/250 Datasheet HTML 8Page - Texas Instruments INA170EA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FEATURES
q COMPLETE BIDIRECTIONAL CURRENT
MEASUREMENT CIRCUIT
q WIDE SUPPLY RANGE: 2.7V to 40V
q SUPPLY-INDEPENDENT COMMON-MODE
VOLTAGE: 2.7V TO 60V
q RESISTOR PROGRAMMABLE GAIN SET
q LOW QUIESCENT CURRENT: 75
µA (typ)
q MSOP-8 PACKAGE
High-Side, Bidirectional
CURRENT SHUNT MONITOR
DESCRIPTION
The INA170 is a high-side, bidirectional current shunt moni-
tor featuring a wide input common-mode voltage range, low
quiescent current, and a tiny MSOP-8 package.
Bidirectional current measurement is accomplished by out-
put offsetting. The offset voltage level is set with an external
resistor and voltage reference. This permits measurement of
a bidirectional shunt current while using a single supply for
the INA170.
Input common-mode and power-supply voltages are inde-
pendent. Input voltage can range from +2.7V to +60V on any
supply voltage from +2.7V to +40V. Low 10
µA input bias
current adds minimal error to the shunt current.
The INA170 converts a differential input voltage to a current
output. This current develops a voltage across an external
load resistor, setting any gain from 1 to over 100.
The INA170 is available in an MSOP-8 package, and is
specified over the extended industrial temperature range,
–40
°C to +85°C with operation from –55°C to +125°C.
APPLICATIONS
q CURRENT SHUNT MEASUREMENT:
Automotive, Telephone, Computers, Power
Systems, Test, General Instrumentation
q PORTABLE AND BATTERY-BACKUP
SYSTEMS
q BATTERY CHARGERS
q POWER MANAGEMENT
q CELL PHONES
INA170
SBOS193D – MARCH 2001 – REVISED JANUARY 2006
2
1
3
OUT
GND
INA170
Q1
A1
A2
Q2
6
4
I
S
V
REF
V+
V
SUPPLY
R
OS
8
5
Load
R
L
R
G1
1k
Ω
R
G2
1k
Ω
R
S
V
IN
V
IN
+
–
R
OS
All trademarks are the property of their respective owners.


Similar Part No. - INA170EA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA170EA/250 BURR-BROWN-INA170EA/250 Datasheet
549Kb / 13P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170EA/250 TI1-INA170EA/250 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
INA170EA/250G4 TI1-INA170EA/250G4 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
More results

Similar Description - INA170EA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170 Datasheet
209Kb / 10P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Analog Devices
AD8210 AD-AD8210_06 Datasheet
354Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. 0
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. A
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. C
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Analog Devices
AD8210YR-R7 AD-AD8210YR-R7 Datasheet
329Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_15 Datasheet
329Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. D
logo
Texas Instruments
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Analog Devices
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
High Voltage, Bidirectional Current Shunt Monitor
4/07-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com