Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA333
Description  INA333 Micro-Power (50μA), Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
50kW
150kW
150kW
A
1
A
3
V
OUT
V
IN-
6
REF
5
RFIFilteredInputs
2
V+
7
V-
4
1
8
150kW
150kW
50kW
A
2
V
IN+
RFIFilteredInputs
3
INA333
R
G
G=1+
100kW
R
G
RFIFilteredInputs
RFIFilteredInputs
13
INA333
www.ti.com
SBOS445C – JULY 2008 – REVISED DECEMBER 2015
Product Folder Links: INA333
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA333 is a monolithic instrumentation amplifier (INA) based on the precision zero-drift OPA333 (operational
amplifier) core. The INA333 also integrates laser-trimmed resistors to ensure excellent common-mode rejection
and low gain error. The combination of the zero-drift amplifier core and the precision resistors allows this device
to achieve outstanding DC precision and makes the INA333 ideal for many 3.3-V and 5-V industrial applications.
7.2 Functional Block Diagram
7.3 Feature Description
The INA333 is a low-power, zero-drift instrumentation amplifier offering excellent accuracy. The versatile three-
operational-amplifier design and small size make the amplifiers ideal for a wide range of applications. Zero-drift
chopper circuitry provides excellent DC specifications. A single external resistor sets any gain from 1 to 10,000.
The INA333 is laser trimmed for very high common-mode rejection (100 dB at G
≥ 100). This devices operate
with power supplies as low as 1.8 V, and quiescent current of 50 µA, typically.
7.4 Device Functional Modes
7.4.1 Internal Offset Correction
INA333 internal operational amplifiers use an auto-calibration technique with a time-continuous 350-kHz
operational amplifier in the signal path. The amplifier is zero-corrected every 8 µs using a proprietary technique.
Upon power up, the amplifier requires approximately 100 µs to achieve specified VOS accuracy. This design has
no aliasing or flicker noise.
7.4.2 Input Common-Mode Range
The linear input voltage range of the input circuitry of the INA333 is from approximately 0.1 V below the positive
supply voltage to 0.1 V above the negative supply. As a differential input voltage causes the output voltage to
increase, however, the linear input range is limited by the output voltage swing of amplifiers A1 and A2. Thus, the
linear common-mode input range is related to the output voltage of the complete amplifier. This behavior also
depends on supply voltage—see Figure 20.
Input overload conditions can produce an output voltage that appears normal. For example, if an input overload
condition drives both input amplifiers to the respective positive output swing limit, the difference voltage
measured by the output amplifier is near zero. The output of the INA333 is near 0 V even though both inputs are
overloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com