Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7421
Description  ISO742x Low-Power Dual-Channel Digital Isolators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7421 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7421 Datasheet HTML 1Page - Texas Instruments ISO7421 Datasheet HTML 2Page - Texas Instruments ISO7421 Datasheet HTML 3Page - Texas Instruments ISO7421 Datasheet HTML 4Page - Texas Instruments ISO7421 Datasheet HTML 5Page - Texas Instruments ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO7420, ISO7420M, ISO7421
SLLS984I – JUNE 2009 – REVISED JULY 2015
ISO742x Low-Power Dual-Channel Digital Isolators
1 Features
3 Description
The ISO7420, ISO7420M and ISO7421 provide
1
•
Highest Signaling Rate: 1 Mbps
galvanic isolation up to 2500 VRMS for 1 minute per
•
Low Power Consumption, Typical ICC per Channel
UL.
These
digital
isolators
have
two
isolated
(3.3-V operation):
channels. Each isolation channel has a logic input
–
ISO7420: 1.1 mA, ISO7421: 1.5 mA
and output buffer separated by a silicon dioxide
(SiO2) insulation barrier. Used in conjunction with
•
Low Propagation Delay – 9 ns Typical
isolated power supplies, these devices prevent noise
•
Low Skew – 300 ps Typical
currents on a data bus or other circuit from entering
•
Wide TA Range: –40°C to 125°C (M-Grade)
the local ground and interfering with or damaging
sensitive circuitry. The suffix M indicates wide
•
50-kV/
μs Transient Immunity, Typical
temperature range (–40°C to 125°C).
•
Over 25-Year Isolation Integrity at Rated Voltage
These devices have TTL input thresholds and require
•
Operates From 3.3-V and 5-V Supply and Logic
two supply voltages, 3.3 or 5 V, or any combination.
Levels
All inputs are 5-V tolerant when supplied from a 3.3-V
•
3.3-V and 5-V Level Translation
supply.
•
Narrow Body SOIC-8 Package
Note: The ISO7420 and ISO7421 are specified for
•
Safety and Regulatory Approvals:
signaling rates up to 1 Mbps. Due to their fast
–
4242 VPK Isolation per DIN V VDE V 0884-10
response time, under most cases, these devices will
and DIN EN 61010-1
also transmit data with much shorter pulse widths.
Designers should add external filtering to remove
–
2500 VRMS Isolation for 1 minute per UL 1577
spurious signals with input pulse duration <20 ns if
–
CSA Component Acceptance Notice 5A, IEC
desired.
60950-1 and IEC 61010-1 Standards
Device Information(1)
–
CQC Certification per GB4943.1-2011
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
ISO7420
ISO7420M
SOIC (8)
4.90 mm × 3.91 mm
•
Optocoupler Replacement in:
ISO7421
–
Industrial Fieldbus
(1) For all available packages, see the orderable addendum at
–
Profibus
the end of the data sheet.
–
Modbus
–
DeviceNet™ Data Buses
–
Servo Control Interface
–
Motor Control
–
Power Supplies
–
Battery Packs
Simplified Schematic
VCCI and GNDI are supply and ground connections respectively for the input channels.
VCCO and GNDO are supply and ground connections respectively for the output channels.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - ISO7421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
Low-Power Dual Digital Isolators
ISO7421 TI-ISO7421 Datasheet
611Kb / 19P
Low-Power Dual Digital Isolators
ISO7421 TI-ISO7421 Datasheet
432Kb / 20P
Low-Power Dual Digital Isolators
ISO7421 TI-ISO7421 Datasheet
1Mb / 28P
ISO742x Low-Power Dual-Channel Digital Isolators
ISO7421 TI2-ISO7421 Datasheet
668Kb / 25P
ISO7421-EP Low-Power Dual Digital Isolators
DECEMBER 2015
More results

Similar Description - ISO7421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420 Datasheet
611Kb / 19P
Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420_10 Datasheet
432Kb / 20P
Low-Power Dual Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
Low-Power Dual Channel Digital Isolators
ISO7420E_1112 TI-ISO7420E_1112 Datasheet
965Kb / 25P
Low-Power Dual Channel Digital Isolators
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
LOW-POWER DUAL DIGITAL ISOLATORS
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
ISO7420E TI-ISO7420E_15 Datasheet
1Mb / 33P
ISO742x Low-Power Dual Channel Digital Isolators
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
ISO742x Low-Power Dual-Channel Digital Isolators
ISO7421-EP TI1-ISO7421-EP_16 Datasheet
1,006Kb / 24P
Low-Power Dual Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com