Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO7421
Description  ISO742x Low-Power Dual-Channel Digital Isolators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7421 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments ISO7421 Datasheet HTML 10Page - Texas Instruments ISO7421 Datasheet HTML 11Page - Texas Instruments ISO7421 Datasheet HTML 12Page - Texas Instruments ISO7421 Datasheet HTML 13Page - Texas Instruments ISO7421 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ISO7420, ISO7420M, ISO7421
SLLS984I – JUNE 2009 – REVISED JULY 2015
www.ti.com
6.8 Electrical Characteristics: VCC1 and VCC2 at 3.3 V ±5%
TA = –40°C to 125°C for ISO7420M, TA = –40°C to 105°C for ISO742x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 6.
VCCO
(1) – 0.4
3
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 6.
VCCO – 0.1
3.3
IOL = 4 mA; see Figure 6.
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 6.
0
0.1
VI(HYS) Input threshold voltage hysteresis
400
mV
IIH
High-level input current
10
μA
INx at 0 V or VCCI
(1)
IIL
Low-level input current
–10
μA
Common-mode transient
CMTI
VI = VCCI or 0 V; seeFigure 8 .
25
40
kV/
μs
immunity
SUPPLY CURRENT (ALL INPUTS SWITCHING WITH SQUARE WAVE CLOCK SIGNAL FOR DYNAMIC ICC MEASUREMENT)
ISO7420
ICC1
Supply current for VCC1
0.2
0.7
DC to 1 Mbps
VI = VCCI or 0 V, 15 pF load
mA
ICC2
Supply current for VCC2
2
4.5
ISO7421
ICC1
Supply current for VCC1
1.5
3.5
DC to 1 Mbps
VI = VCCI or 0 V, 15 pF load
mA
ICC2
Supply current for VCC2
1.5
3.5
(1)
VCCI = Input-side power supply, VCCO = Output-side power supply
6.9 Power Dissipation Characteristics
ISO742x
THERMAL METRIC
D (SOIC)
UNIT
8 PINS
VCC1 = VCC2 = 5.25 V, TJ = 150°C, CL = 15 pF
PD
Device power dissipation
55
mW
Input a 1-Mbps 50% duty-cycle square wave
6.10 Switching Characteristics: VCC1 and VCC2 at 5 V ±5%
TA = –40°C to 125°C for ISO7420M, TA = –40°C to 105°C for ISO742x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 6.
9
14
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
0.3
3.7
ns
tsk(pp)
Part-to-part skew time
4.9
ns
tsk(o)
Channel-to-channel output skew time
3.6
ns
tr
Output signal rise time
See Figure 6.
1
ns
tf
Output signal fall time
1
ns
tfs
Fail-safe output delay time from input power loss
See Figure 7.
6
μs
(1)
Also known as pulse skew.
6.11 Switching Characteristics: VCC1 at 5 V ±5%, VCC2 at 3.3 V ±5%
TA = –40°C to 125°C for ISO7420M, TA = –40°C to 105°C for ISO742x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 6.
10
17
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
0.5
5.6
ns
tsk(pp)
Part-to-part skew time
6.3
ns
tsk(o)
Channel-to-channel output skew time
4
ns
tr
Output signal rise time
See Figure 6.
2
ns
(1)
Also known as pulse skew.
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ISO7420 ISO7420M ISO7421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com