Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7177 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # VSC7177
Description  Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7177 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button VSC7177 Datasheet HTML 9Page - Maxim Integrated Products VSC7177 Datasheet HTML 10Page - Maxim Integrated Products VSC7177 Datasheet HTML 11Page - Maxim Integrated Products VSC7177 Datasheet HTML 12Page - Maxim Integrated Products VSC7177 Datasheet HTML 13Page - Maxim Integrated Products VSC7177 Datasheet HTML 14Page - Maxim Integrated Products VSC7177 Datasheet HTML 15Page - Maxim Integrated Products VSC7177 Datasheet HTML 16Page - Maxim Integrated Products VSC7177 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13 of 24
Revision 4.2
July 29, 2005
Confidential
VSC7177
Data Sheet
DESIGN GUIDELINES
Pinout Differences Between VSC7177 and VSC7173/VSC7175
The VSC7177 device is an upgrade to the VSC7173 and the VSC7175 devices. The VSC7177 package is the same as
the VSC7173 and the VSC7175; however, there are two pin requirement changes to be aware of when using a
VSC7177 device on a board designed for the VSC7173 or the VSC7175.
●
Pin 25 (VDDN) in the VSC7177 is an internally-generated 1.8 V supply voltage. This pin must be connected
to a capacitor as described in “Voltage Regulator,” page 12. Pin 25 (Reserved) is not used in the VSC7173 or
in the VSC7175.
●
Pin 18 (PORTSEL1) and pin 21 (MODE1) in the VSC7177 must both be set LOW to enable level-sensitive
sideband mode. Setting PORTSEL1 HIGH enables the protocol-based port selection mode listed in Table 1,
page 5. In the VSC7173 and the VSC7175, setting only pin 21 (MODE1) to LOW is required to enable
level-sensitive sideband mode. Pin 18 (HSTSELB) in the VSC7173 and the VSC7175 is not used in the this
mode and is a “don’t care” (connect to any value). The logical value of PORTSEL0/HSTSELA (pin 19 in the
VSC7177, the VSC7173, and the VSC7175) selects the connected port in level-sensitive mode.
●
Pin 9 in the VSC7175 (OOBDTA) reports the OOB status for Host A. For the VSC7177 device, pin 9
(OOBPORT0) reports the OOB status for the unselected host port.
Table 8 provides a summary of the pinout differences.
Sideband Loopback Function
A sideband loopback feature has been added to the VSC7177 in sideband mode. Consequently, the VSC7177 has
different functionality than either the VSC7173 or the VSC7175 in this mode. Port 2 can be connected to port 0 or
port 1 in sideband mode. The data transmitted from the output driver of the unconnected port can be data from port 2
(the downstream device) or data from the unconnected port’s input receiver (loopback data). The data transmitted is
selected with the MODE0 input. The ability to loopback the data from the unconnected port is a new feature for
sideband mode. Both the VSC7173 and the VSC7175 transmit the downstream device data or a common-mode signal
from the unconnected port’s output driver. The VSC7177 cannot directly force transmission of common mode from
the unconnected port. Transmission of common mode is achieved indirectly by enabling the loopback mode and
having the host send a common mode signal to the VSC7177.
Table 8. VSC7177 and VSC7173/VSC7175 Pinout Differences
Pin
Number
Operating Mode
Pin Function / Connectivity
VSC7173
VSC7175
VSC7177
18
Level-sensitive
sideband mode
X (don’t care)
X (don’t care)
VSS (ground)
25
All modes
Not used
Not used
Connect to external capacitor
9
All modes
OOB status for Port 0
OOB status for Host A
OOB status for unselected host port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com