Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1085D2M Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD1085D2M
Description  3 A low drop positive voltage regulator adjustable and fixed
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2M Datasheet(HTML) 1 Page - STMicroelectronics

  LD1085D2M Datasheet HTML 1Page - STMicroelectronics LD1085D2M Datasheet HTML 2Page - STMicroelectronics LD1085D2M Datasheet HTML 3Page - STMicroelectronics LD1085D2M Datasheet HTML 4Page - STMicroelectronics LD1085D2M Datasheet HTML 5Page - STMicroelectronics LD1085D2M Datasheet HTML 6Page - STMicroelectronics LD1085D2M Datasheet HTML 7Page - STMicroelectronics LD1085D2M Datasheet HTML 8Page - STMicroelectronics LD1085D2M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
December 2007
Rev 19
1/27
27
LD1085xx
3 A low drop positive voltage regulator adjustable and fixed
Features
■ Typical dropout 1.3 V (at 3 A)
■ Three terminal adjustable or fixed output
voltage 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V.
■ Guaranteed output current up to 3 A
■ Output tolerance ±1% at 25 °C and ±2% in full
temperature range
■ Internal power and thermal limit
■ Wide operating temperature range -40 °C to
125 °C
■ Package available: TO-220, TO-220FP,
DPAK, D2PAK, D2PAK/A
■ Pinout compatibility with standard adjustable
VREG
Description
The LD1085xx is a low drop voltage regulator
able to provide up to 3 A of output current.
Dropout is guaranteed at a maximum of 1.2 V at
the maximum output current, decreasing at lower
loads. The LD1085xx is pin to pin compatible with
the older 3-terminal adjustable regulators, but has
better performances in term of drop and output
tolerance.
A 2.85 V output version is suitable for SCSI-2
active termination. Unlike PNP regulators, where
a part of the output current is wasted as quiescent
current, the LD1085xx quiescent current flows
into the load, so increase efficiency. Only a 10 µF
minimum capacitor is need for stability.
The device is supplied in TO-220, TO-220FP,
DPAK, D2PAK and D2PAK/A. On chip trimming
allows the regulator to reach a very tight output
voltage tolerance, within ±1% at 25 °C.
TO-220FP
D2PAK/A
TO-220
D2PAK
DPAK
Table 1.
Device summary
Part number
LD1085XX
LD1085XX25
LD1085XX15
LD1085XX33
LD1085XX18
LD1085XX50
www.st.com


Similar Part No. - LD1085D2M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1085D2M STMICROELECTRONICS-LD1085D2M Datasheet
774Kb / 19P
3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
01-Mar-2005
LD1085D2M STMICROELECTRONICS-LD1085D2M Datasheet
509Kb / 27P
3A Low drop positive voltage regulator adjustable and fixed
07-Jun-2007
LD1085D2M STMICROELECTRONICS-LD1085D2M Datasheet
946Kb / 28P
3 A low drop positive voltage regulator adjustable and fixed
18-Feb-2008
LD1085D2M-R STMICROELECTRONICS-LD1085D2M-R Datasheet
774Kb / 19P
3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
01-Mar-2005
LD1085D2M-R STMICROELECTRONICS-LD1085D2M-R Datasheet
509Kb / 27P
3A Low drop positive voltage regulator adjustable and fixed
07-Jun-2007
More results

Similar Description - LD1085D2M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1084XX STMICROELECTRONICS-KD1084XX Datasheet
768Kb / 22P
5 A low drop positive voltage regulator adjustable and fixed
18-Dec-2007
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
1.5 A low drop positive voltage regulator adjustable and fixed
18-Feb-2008
LD1085XX STMICROELECTRONICS-LD1085XX_08 Datasheet
946Kb / 28P
3 A low drop positive voltage regulator adjustable and fixed
18-Feb-2008
KD1084XX STMICROELECTRONICS-KD1084XX_08 Datasheet
356Kb / 20P
5 A low drop positive voltage regulator adjustable and fixed
16-Jul-2008
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
1.5 A low drop positive voltage regulator adjustable and fixed 
14-Jul-2008
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
Adjustable and fixed low drop positive voltage regulator
22-Mar-2010
KD1084AXX STMICROELECTRONICS-KD1084AXX_09 Datasheet
346Kb / 17P
5 A low drop positive voltage regulator adjustable and fixed
28-Jul-2009
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com