Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1085D2M Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD1085D2M
Description  3 A low drop positive voltage regulator adjustable and fixed
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2M Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD1085D2M Datasheet HTML 7Page - STMicroelectronics LD1085D2M Datasheet HTML 8Page - STMicroelectronics LD1085D2M Datasheet HTML 9Page - STMicroelectronics LD1085D2M Datasheet HTML 10Page - STMicroelectronics LD1085D2M Datasheet HTML 11Page - STMicroelectronics LD1085D2M Datasheet HTML 12Page - STMicroelectronics LD1085D2M Datasheet HTML 13Page - STMicroelectronics LD1085D2M Datasheet HTML 14Page - STMicroelectronics LD1085D2M Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LD1085xx
Electrical characteristics
11/27
Table 8.
Electrical characteristics of LD1085#50
(VI = 8 V, CI = CO =10 µF, TA = -40 to 125 °C, unless otherwise specified).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VO
Output voltage (1)
IO = 0 mA, TJ = 25°C
4.95
5
5.05
V
IO = 0 to 3A, VI = 6.6 to 30V
4.9
5
5.1
V
ΔVO
Line regulation
IO = 0 mA, VI = 6.6 to 20V, TJ = 25°C
0.5
10
mV
IO = 0 mA, VI = 6.6 to 20V
1
10
mV
ΔVO
Load regulation
IO = 0 to 3A, TJ = 25°C
5
10
mV
IO = 0 to 3A
10
35
mV
Vd
Dropout voltage
IO = 3A
1.3
1.5
V
Iq
Quiescent current
VI ≤30V
5
10
mA
Isc
Short circuit current
VI - VO = 5V
3.2
4.5
A
VI - VO = 25V
0.2
0.5
A
Thermal regulation
TA = 25°C, 30ms pulse
0.008
0.04
%/W
SVR
Supply voltage rejection
f = 120 Hz, CO = 25µF, IO = 3A
VI = 10 ± 3V
60
72
dB
eN
RMS output noise voltage (% of
VO)
TA = 25°C, f =10Hz to 10kHz
0.003
%
S
Temperature stability
0.5
%
S
Long term stability
TA = 125°C, 1000Hrs
0.5
%
1.
See short-circuit current curve for available output current at fixed dropout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com