Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX4M2E1 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PEX4M2E1
Description  x4 PCI Express to M.2 PCIe SSD Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX4M2E1 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PEX4M2E1 Datasheet HTML 1Page - StarTech.com Ltd. PEX4M2E1 Datasheet HTML 2Page - StarTech.com Ltd. PEX4M2E1 Datasheet HTML 3Page - StarTech.com Ltd. PEX4M2E1 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
x4 PCI Express to M.2 PCIe SSD Adapter
StarTech ID: PEX4M2E1
Get ultra-fast data access by adding a PCIe M.2 SSD to your existing computer. This adapter lets you add a
high-speed, 4-lane M.2 SSD (PCIe-based), such as a Samsung 950 Pro or Samsung SM 951, to a PC with an
available x4 PCI Express expansion slot. You can mount the PCIe M.2 drive directly onto the adapter, giving you
an easy and convenient way to improve your system performance and expand overall internal storage.
Boost your system speed and performance
The expansion card lets you take full advantage of the fast performance and compact size of PCIe M.2 internal
solid-state drives. The adapter connects directly to your computer motherboard to support an M.2 PCIe-based
SSD (NVMe or AHCI) through ultra-fast x4 PCIe. The adapter is compatible with PCIe 3.0 motherboards and is
also backward compatible with PCIe 2.0 and PCIe 1.0. With the M.2 PCIe based drive in place, the
adapter gives your computer a significant speed boost.
Supports PCIe M.2 SSDs
The adapter supports PCIe 3.0 x4 NVMe (M Key) and PCIe-AHCI M.2 SSDs including 2242, 2260, 2280, and
22110 drives. The expansion slot adapter supports the most common drive sizes including 110 mm, 80 mm, 60
mm and 42 mm.
Easy to install
The expansion card is equipped with a full-profile bracket and includes a half-height/low-profile bracket, for
installation in small form-factor computers.
The PEX4M2E1 is backed by a StarTech.com 2-year warranty and free lifetime technical support.
www.startech.com
1 800 265 1844


Similar Part No. - PEX4M2E1

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
PEX.4F.340.XLC LEMO-PEX.4F.340.XLC Datasheet
85Kb / 4P
F - Rugged Push-Pull
PEX.4M.340.XLCT LEMO-PEX.4M.340.XLCT Datasheet
80Kb / 4P
M - Rugged Ratchet coupling
PEX.4M.348.XLCT LEMO-PEX.4M.348.XLCT Datasheet
81Kb / 4P
M - Rugged Ratchet coupling
PEX.5F.350.XLC LEMO-PEX.5F.350.XLC Datasheet
84Kb / 3P
F - Rugged Push-Pull
PEX.5F.364.XLC LEMO-PEX.5F.364.XLC Datasheet
84Kb / 3P
F - Rugged Push-Pull
More results

Similar Description - PEX4M2E1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-CM8910C ADVANTECH-SQF-CM8910C Datasheet
712Kb / 1P
PCIe III x4 M.2 2280 SSD
logo
Tripp Lite. All Rights ...
PCE-1M2-PX4 TRIPPLITE-PCE-1M2-PX4 Datasheet
175Kb / 2P
M.2 NGFF PCIe SSD (M-Key) PCI Express (x4) Card
P970-U2M2 TRIPPLITE-P970-U2M2 Datasheet
54Kb / 2P
U.2 to M.2 Adapter for M.2 PCIe NVMe SSD, SFF- 8639
PCE-U2-PX4 TRIPPLITE-PCE-U2-PX4 Datasheet
44Kb / 2P
U.2 to PCIe Adapter for 2.5" NVMe U.2 SSD, SFF- 8639, PCI Express (x4) Card
logo
Advantech Co., Ltd.
SQF-C4M-720-D ADVANTECH-SQF-C4M-720-D Datasheet
335Kb / 1P
PCIe Gen.3 x4 M.2 2242 SSD
1-Jun-2022
SQF-C8M-720-D ADVANTECH-SQF-C8M-720-D Datasheet
334Kb / 1P
PCIe Gen.3 x4 M.2 2280 SSD
1-Jun-2022
SQF-C8M-930-D ADVANTECH-SQF-C8M-930-D Datasheet
375Kb / 1P
PCIe Gen.4 x4 M.2 2280 SSD
7-Jul-2022
SQF-C8M-ER-1 ADVANTECH-SQF-C8M-ER-1 Datasheet
374Kb / 1P
PCIe Gen.4 x4 M.2 2280 SSD
7-Jul-2022
SQF-CM8-920-D ADVANTECH-SQF-CM8-920-D Datasheet
363Kb / 1P
PCIe Gen.3 x4 M.2 2280 SSD
1-Jun-2022
SQF-CU2-ER-1 ADVANTECH-SQF-CU2-ER-1 Datasheet
379Kb / 1P
PCIe Gen.4 x4 U.2 2.5" SSD
29-Jul-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com