Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2 Datasheet(PDF) 1 Page - Cavotec Group AB (publ)

Part # MB2
Description  RADIO REMOTE CONTROL SYSTEMS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAVOTEC [Cavotec Group AB (publ)]
Direct Link  https://www.cavotec.com/en/
Logo CAVOTEC - Cavotec Group AB (publ)

MB2 Datasheet(HTML) 1 Page - Cavotec Group AB (publ)

  MB2 Datasheet HTML 1Page - Cavotec Group AB (publ) MB2 Datasheet HTML 2Page - Cavotec Group AB (publ)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benefits
• Modular & flexible design.
• Compact size for easier system
integration.
• Safety, and stop function rated CAT3
PLd.
• Display for diagnostics, parameter
settings and trouble shooting.
• World wide approved radio modules
including 2.4GHz version.
• Radio signal strength indication in
receiver and terminal unit.
• Tandem operation with multiple terminals
and multiple receiver units included
polled radio systems.
• PLC programming possibilities including
extensions with Micro USB.
• Self configuration of modules.
• Back-up solution with cable connection
for programming and control.
• Smart cable pairing for extended
flexibility and easier spare part handling.
Applications
• The MB2 receiver unit can be used in any
RRC system, where quality, reliability and
safety are essential in system design
• Typical use is in offshore installations,
mining equipment as well as general
industry and deck handling equipment
• Both EX and safe zone versions available
and possible to combine with any
Cavotec remote terminal units
DATASHEET | Radio Remote Control Systems | MC-Receiver Unit MC-MB2
October 2021 | DAS-RRC-08
MC-ReceiverUnit
MC-MB2
RADIO REMOTE CONTROL
SYSTEMS
Cavotec is a leading cleantech company that designs and delivers connection
and electrification solutions to enable the decarbonization of ports and industrial
applications.
For more than 30 years, Cavotec has engineered advanced radio remote control
systems in close co-operation with customers worldwide.
MB2 base unit for dinrail mounting
MB2 in Bue 1 enclosure
Polled duplex radio communication


Similar Part No. - MB2

ManufacturerPart #DatasheetDescription
logo
GREATECS
MB2 GREATECS-MB2 Datasheet
439Kb / 1P
Push & Lever Multifunction Switches
logo
Multicomp Pro
MB2 MULTICOMP-MB2 Datasheet
204Kb / 2P
Multipurpose Boxes with Lids
21/05/21 V1.0
logo
Premier Farnell Limited...
MB2 DURATOOL-MB2 Datasheet
165Kb / 2P
Multipurpose Boxes With Lids
14/01/12 V1.1
logo
List of Unclassifed Man...
MB20 ETC1-MB20 Datasheet
116Kb / 1P
Micro Power Resistors
logo
Microsemi Corporation
MB200 MICROSEMI-MB200 Datasheet
46Kb / 2P
RECTIFIERS
More results

Similar Description - MB2

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
118 SERIES AM REMOTE CONTROL SYSTEMS.
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
RADIO REMOTE CONTROL SYSTEMS
logo
RF Micro Devices
VIPER-S1 RFMD-VIPER-S1 Datasheet
1Mb / 6P
VIPER Remote Control Systems
logo
rfsolutions.ltd
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
Professional Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
Professional Remote Control Systems
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
TRAP Remote Control Systems
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
VIPER Remote Control Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com