Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2 Datasheet(PDF) 2 Page - Cavotec Group AB (publ)

Part # MB2
Description  RADIO REMOTE CONTROL SYSTEMS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAVOTEC [Cavotec Group AB (publ)]
Direct Link  https://www.cavotec.com/en/
Logo CAVOTEC - Cavotec Group AB (publ)

MB2 Datasheet(HTML) 2 Page - Cavotec Group AB (publ)

  MB2 Datasheet HTML 1Page - Cavotec Group AB (publ) MB2 Datasheet HTML 2Page - Cavotec Group AB (publ)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical characteristics
MB2 Receiver Unit
• Dual safety processor.
• Complete operational control with unique signal encoding prevents unintended movements.
• Activity check on start up to guarantee safe operations.
• Stop relay activation in less than 500ms.
• Redundant radio solution.
• License free frequency with low power outputs.
• PLC functionality for interlocking, sequencing and timing functions programmed directly without additional hardware.
• Available interfaces include: Profibus DP, ModBus TCP, Ethernet IP, CANopen, DeviceNet or Profinet I/O.
Dimensions
General data
Display
Graphical display for configuration and error codes
Power suppy
24 V, 2.5A1, 100-240V 50-60Hz, 2.5A
Dimensions
138,5 X 105,5 X 92,8mm
Weight
<0,9kg without enclosure
IP
IP65/IP66 Standard enclosure, IP65/IP66 Steel enclosure, IP20 Open frame solution
Operating distance
Up to 2,000m
Temperature
Open frame
MC Bue 1 enclosure
Steel enclosure
With radio
-20°C and +60°C
-20°C and +45°C
-20°C and +45°C
Without radio
-20°C and +70°C
-20°C and +45°C
-20°C and +45°C
Frequency
According to local authority guidelines
Approvals & Standards
Cavotec radio remote control systems comply with a variety of international rules and regulations. All systems are CE marked and can be
used with our FCC Part 90 approved radio. The systems are designed in accordance with the Machinery Directive and comply with IEC
60204 and ISO 13849. In addition we have a wide range of compliant radios that can be used in type approvals of systems for specific
countries worldwide.
DATASHEET | Radio Remote Control Systems | MC-Receiver Unit MC-MB2
October 2021 | DAS-RRC-08
Please contact your local Cavotec Sales Office for further information at cavotec.com. Disclaimer: specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com