Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT570012.. Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # PT570012..
Description  Miniature Relay PT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PT570012.. Datasheet(HTML) 3 Page - TE Connectivity Ltd

  PT570012.. Datasheet HTML 1Page - TE Connectivity Ltd PT570012.. Datasheet HTML 2Page - TE Connectivity Ltd PT570012.. Datasheet HTML 3Page - TE Connectivity Ltd PT570012.. Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
01-2017, Rev. 0117
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Industrial Relays
Miniature Relay PT (Continued)
Dimensions
Solder- and plug-in terminals (standard version)
PCB version
S0355-AA
S0355-BB
PCB layout / terminal assignment
Bottom view on pins
4 pole
S0354-AA
S0354-AD
S0354-AB
S0354-AE
S0354-AC
S0354-AF
3 pole
2 pole
(13)
A1
(14)
A2
(13)
A1+
(14)
A2-
Circuit
LED
protection diode+LED



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com