Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT570012.. Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # PT570012..
Description  Miniature Relay PT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PT570012.. Datasheet(HTML) 4 Page - TE Connectivity Ltd

  PT570012.. Datasheet HTML 1Page - TE Connectivity Ltd PT570012.. Datasheet HTML 2Page - TE Connectivity Ltd PT570012.. Datasheet HTML 3Page - TE Connectivity Ltd PT570012.. Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
01-2017, Rev. 0117
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
SCHRACK
General Purpose Relays
Industrial Relays
Miniature Relay PT (Continued)
Product code
Cont. Config.
Cont. material
Version
Coil
Coil
Part number
PT270024
2 form C
AgNi 90/10
AMP 2.8
DC coil
24VDC
4-1419111-2
PT270524
2 CO contacts
test button
connectors
AC coil
24VAC
4-1419111-8
PT270615
115VAC
5-1419111-0
PT270730
230VAC
5-1419111-1
PT270L24
DC coil+LED
24VDC
9-1415001-1
PT270R24
AC coil+LED
24VAC
1415002-1
PT270S15
115VAC
2-1415039-1
PT270T30
230VAC
3-1415002-1
PT271024
PCB terminals
DC coil
24VDC
5-1419111-3
PT271524
AC coil
24VAC
5-1419111-6
PT271615
115VAC
4-1419135-0
PT271730
230VAC
5-1419111-8
PT370024
3 form C
AgNi 90/10
AMP 2.8
DC coil
24VDC
6-1419111-1
PT370524
3 CO contacts
test button
connectors
AC coil
24VAC
6-1419111-6
PT370615
115VAC
6-1419111-8
PT370730
230VAC
6-1419111-9
PT370L24
DC coil+LED
24VDC
5-1415002-1
PT370R24
AC coil+LED
24VAC
7-1415002-1
PT370S15
115VAC
9-1415039-1
PT370T30
230VAC
9-1415002-1
PT371024
PCB terminals
DC coil
24VDC
7-1419111-1
PT371524
AC coil
24VAC
7-1419111-3
PT371615
115VAC
1393154-8
PT371730
230VAC
7-1419111-5
PT570024
4 form C
AgNi 90/10
AMP 2.8
DC coil
24VDC
1-1393154-2
PT570524
4 CO contacts
test button
connectors
AC coil
24VAC
8-1419111-7
PT570615
115VAC
9-1419111-0
PT570730
230VAC
9-1419111-1
PT570L24
DC coil+LED
24VDC
6-1415001-1
PT570LC4
DC coil+LED+PD
7-1415541-0
PT570R24
AC coil+LED
24VAC
7-1415001-1
PT570S15
115VAC
7-1415003-1
PT570T30
230VAC
8-1415001-1
PT571024
PCB terminals
DC coil
24VDC
9-1419111-3
PT571524
AC coil
24VAC
9-1419111-6
PT571615
115VAC
1-1393154-5
PT571730
230VAC
9-1419111-8
PT580024
AgNi 90/10
AMP 2.8
DC coil
24VDC
1-1393154-7
PT580524
gold plated
connectors
AC coil
24VAC
2-1393154-1
PT580730
test button
230VAC
2-1393154-2
PT580L24
DC coil+LED
24VDC
5-1415026-1
PT580R24
AC coil+LED
24VAC
6-1415026-1
PT580T30
230VAC
7-1415026-1
PT581024
PCB terminals
DC coil
24VDC
7-1419135-2
PT581730
AC coil
230VAC
2-1393154-3
Product code structure
Typical product code
PT
5
7
0
730
Type
PT Miniature Relay PT
Contact arrangement
2
2 form C contacts (2 CO contacts)
3
3 form C contacts (3 CO contacts)
5
4 form C contacts (4 CO contacts)
Contact material
7
AgNi 90/10, with test button
8
AgNi 90/10 gold plated, with test button
2
AgNi 90/10, without test button
3
AgNi 90/10 gold plated, without test button
Version
0
Standard, 2.8mm quick connect term.
1
PCB terminals
Coil
Coil code: please refer to coil versions table
Other types on request



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com