Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM20
Description  LM20 2.4-V, 10-μA, SC70, DSBGA Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM20 Datasheet HTML 9Page - Texas Instruments LM20 Datasheet HTML 10Page - Texas Instruments LM20 Datasheet HTML 11Page - Texas Instruments LM20 Datasheet HTML 12Page - Texas Instruments LM20 Datasheet HTML 13Page - Texas Instruments LM20 Datasheet HTML 14Page - Texas Instruments LM20 Datasheet HTML 15Page - Texas Instruments LM20 Datasheet HTML 16Page - Texas Instruments LM20 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
R1
4.1V
R3
R2
0.1 2F
U3
LM4040
R4
VOUT
V+
VT
VTemp
+
-
U1
LM20
V+
U2
(High = overtemp alarm)
LM7211
LM20
www.ti.com
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
Table 4. Output Voltage vs Temperature
Temperature (T)
Typical VO
130°C
303 mV
100°C
675 mV
80°C
919 mV
30°C
1515 mV
25°C
1574 mV
0°C
1863.9 mV
–30°C
2205 mV
−40°C
2318 mV
−55°C
2485 mV
8.2.1.3 Application Curve
Figure 6. Output Voltage vs Temperature
8.2.2 Centigrade Thermostat
Figure 7. Centigrade Thermostat
8.2.2.1 Design Requirements
A simple thermostat can be created by using a reference (LM4040) and a comparator (LM7211) as shown in
Figure 7.
8.2.2.2 Detailed Design Procedure
The threshold values can be calculated using Equation 12 and Equation 13.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com