Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXPPVC08RAM03ACL030PVC Datasheet(PDF) 9 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08RAM03ACL030PVC
Description  M8 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08RAM03ACL030PVC Datasheet(HTML) 9 Page - Bulgin Limited. All rights reserved.

  PXPPVC08RAM03ACL030PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Electrical:
Mechanical:
No. Poles
3
4
5
Locking mechanism
Screw coupling
Current Rating
3A
3A
1.5A
Sealing
IP67
Voltage Rating (ac/dc)
60V 30V 30V
Contact Accomodation:
Contact Resistance
<10mΩ
3, 4 & 5 Pole
28AWG-22AWG
Insulation Resistance
>100MΩ
Cable Acceptance
3.0 - 3.5 mm Dia
AC Breakdown Voltage
Terminations:
3 Pole
1.5KV
3 Pole
Single wire / PCB / Cable
4 Pole
0.8KV
Screw / Solder
5 Pole
0.8KV
4 Pole
Single wire / PCB / Cable
Operating Temp Range -25°C to 80°C
Screw / Solder
5 Pole
Single wire / PCB / Cable
Solder
Mechanical Operation
500 mating cycles
Diameter over coupling ring
12.5mm
Materials:
Cable Connectors
Flex & Inline Connectors
Body
TPU / PVC
Nickel Plated Brass / PA66
Coupling Nut
Nickel Plated Brass
Nickel Plated Brass
Colour
Black
Black or Grey
Pin Contacts
Brass, Gold plating
Brass, Gold plating
Socket Contacts
Phosphor Bronze, Gold plating Phosphor Bronze, Gold plating
O Rings & Gaskets
Viton
Viton
Viton
RoHS
Compliant
Compliant
BUCCANEER
M8 Series
Panel Mount
Nickel Plated Brass
Nickel Plated Brass
Grey
Brass, Gold plating
Compliant
Phosphor Bronze, Gold plating
MX
XXX
XX
XX
X
XX
X
XX
XXX
XXX
Series
Material
Series Size
Body Style
Orientation No. Contacts
Code
Termination
Lead Length
Cable Material
PXM
BNI = Brass Nickel
08
FB = Flex Body
M
03
A
ST = Screw Terminal
001
PUR
PXP
PAM = Polyamide
FI = Flex Inline Body
F
04
B
PC = PCB
002
PVC
TPU = overmold for PUR
FP = Front Panel Mounting
05
FL = Flying Lead
003
PVC = overmold for PVC
RP = Rear Panel Mounting
CL = Cable
010
RA = Right Angle
SC = Solder
020
030
050
100
150
M8 Buccaneer
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com