Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXPPVC08RAM03ACL030PVC Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08RAM03ACL030PVC
Description  M8 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08RAM03ACL030PVC Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  PXPPVC08RAM03ACL030PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08RAM03ACL030PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BUCCANEER
M8 Series
M8 Flex Inline Body Male
Part Number
Poles
Code
Termination
PXPPAM08FIM03AST
03
A
Screw Terminal
PXPPAM08FIM04AST
04
A
Screw Terminal
M8 Flex Body Female
Part Number
Poles
Code
Termination
PXPPAM08FBF03AST
03
A
Screw Terminal
PXPPAM08FBF04AST
04
A
Screw Terminal
Brass - Nickel Plating M8 Flex Inline Body Male
Part Number
Poles
Code
Termination
PXMBNI08FIM03ASC
03
A
Solder Terminal
PXMBNI08FIM04ASC
04
A
Solder Terminal
PXMBNI08FIM05BSC
05
B
Solder Terminal
Brass - Nickel Plating M8 Flex Body Female
Part Number
Poles
Code
Termination
PXMBNI08FBF03ASC
03
A
Solder Terminal
PXMBNI08FBF04ASC
04
A
Solder Terminal
PXMBNI08FBF05BSC
05
B
Solder Terminal
PXPPAM08FIM
○ Available in 3 and 4 poles
○ Metal Flex Inline Body
○ Mates with Flex Body and
panel mount connectors
○ Mates with Flex Inline Body
and panel mount connectors
PXMBNI08FIM
○ Available in 3 and 4 poles
○ Screw termination
○ Plastic Flex Body
PXPPAM08FBF
○ Available in 3, 4 and 5 poles
○ Solder termination
○ Available in 3, 4 and 5 poles
○ Solder termination
○ Metal Flex Body
PXMBNI08FBF
○ Mates with Flex Body and
panel mount connectors
○ Mates with Flex Inline Body
and panel mount connectors
○ Screw termination
○ Plastic Flex Inline Body
M8 Buccaneer
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com